Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6425-W50 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-6425-W50 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-6425-W50
Download  AMMC-6425-W50 Download

File Size   663.51 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 - 28 GHz Power Amplifier

AMMC-6425-W50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-6425-W50 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6425-W50
Download  AMMC-6425-W50 Click to download

File Size   663.51 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 18 - 28 GHz Power Amplifier

AMMC-6425-W50 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

AMMC-6425-W50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED

AMMC-6425-W50 Product details

Description
The AMMC-6425 is an MMIC power amplifier designed for use in wireless transmitters that operate within an 18GHz to 28GHz range. At 28GHz, it provides 30dBm of output power (P1dB) and 24dB of small-signal gain from a small easy-to-use device. This MMIC is optimized for linear operation with an output third order intercept point (OIP3) of 38dBm. The device has input and output matching circuitry for use in 50Ω environments. The AMMC-6425 also has integrated, temperature compensated, RF power detection circuitry that enables power detection of 0.3V/Watt at 28GHz.

Features
• High Gain: 24dB
• 1-watt output power (P-1)
• 50 Ω match on input and output
• Integrated RF power detector
• ESD protection (50V MM, and 250V HBM)

Applications
• Microwave Radio systems
• Satellite VSAT, Up/Down Link
• LMDS & Pt-Pt mmW Long Haul
• Broadband Wireless Access (including 802.16 and 802.20 WiMax)
• WLL and MMDS loops
• Commercial grade military




Similar Part No. - AMMC-6425-W50

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6425-W50 BOARDCOM-AMMC-6425-W50 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
More results


Similar Description - AMMC-6425-W50

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
logo
Transcom, Inc.
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com