Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3220 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSDL-3220 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSDL-3220
Download  HSDL-3220 Download

File Size   176.43 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver

HSDL-3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3220 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3220
Download  HSDL-3220 Click to download

File Size   176.43 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver

HSDL-3220 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HSDL-3220 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSDL-3220 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HSDL-3220 Product details

Description
The HSDL-3220 is a new generation low profile high speed infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data-link. The module is fully compliant to IrDA Physical Layer specification version 1.4 low power from 9.6kbit/s to 4.0 Mbit/s (FIR) and is IEC825-Class 1 Eye Safe.

Features
• Fully compliant to IrDA 1.4 physical layer low power specification from 9.6 kbit/s to 4.0 Mbit/s (FIR)
• Miniature package
    – Height: 2.5 mm
    – Width: 8.0 mm
    – Depth: 3.0 mm
• Typical link distance > 50 cm
• Guaranteed temperature performance, -25° to 70°C
• Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    – Low shutdown current
    – Complete shutdown of TXD, RXD, and PIN diode
• Excellent EMI performance
• Vcc supply 2.7 to 3.6 Volts
• Interfacing with I/O logic circuits as low as 1.8 V
• Lead-free package
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-class 1 eye safe
• Lead-free and RoHS Compliant

Applications
• Mobile telecom
    – Mobile phones
    – Smart phones
    – Pagers
• Data communication
    – Pocket PC handheld products
    – Personal digital assistants
    – Portable printers
• Digital imaging
    – Digital cameras
    – Photo-imaging printers
• Electronic wallet
• Small industrial & medical instrumentation
    – General data collection devices
    – Patient & pharmaceutical data collection devices




Similar Part No. - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-001 HP-HSDL-3220-001 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
HSDL-3220-021 HP-HSDL-3220-021 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results


Similar Description - HSDL-3220

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3021 AVAGO-HSDL-3021 Datasheet
191Kb / 26P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com