Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CM31-TW0XX Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-CM31-TW0XX Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-CM31-TW0XX
Download  HLMP-CM31-TW0XX Download

File Size   352.94 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps

HLMP-CM31-TW0XX Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-CM31-TW0XX Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CM31-TW0XX
Download  HLMP-CM31-TW0XX Click to download

File Size   352.94 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps

HLMP-CM31-TW0XX Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HLMP-CM31-TW0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM31-TW0XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED

HLMP-CM31-TW0XX Product details

Description
These Super Bright Precision Optical Performance LED lamps are based on flip chip InGaN material, which is the brightest and most efficient technology for LEDs in the blue, green, and cyan region of the spectrum. The 470 nm typical dominant wavelength for blue and 530 nm typical wavelength for green is well suited to color mixing in full color signs. The 500 nm typical dominant wavelength for cyan is suitable for traffic signal application.

Features
• Well defined spatial radiation pattern
• High luminous output
• Available in blue, green and cyan color
• Viewing angle: 15°, 23° and 30°
• Standoff or non-standoff leads
• Superior resistance to moisture
• New InGaN flip chip die technology with protective diode
• ESD class 3

Applications
• Traffic signals
• Commercial outdoor advertising
• Front panel backlighting
• Front panel indicators




Similar Part No. - HLMP-CM31-TW0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM31-TW000 AVAGO-HLMP-CM31-TW000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM31-TW0DD AVAGO-HLMP-CM31-TW0DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results


Similar Description - HLMP-CM31-TW0XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com