Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF15CPT Datasheet (PDF) - STMicroelectronics

LF15CPT Datasheet PDF - STMicroelectronics
Part # LF15CPT
Download  LF15CPT Download

File Size   1016.35 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

LF15CPT Datasheet (PDF)

Go To PDF Page Download Datasheet
LF15CPT Datasheet PDF - STMicroelectronics

Part # LF15CPT
Download  LF15CPT Click to download

File Size   1016.35 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low drop voltage regulators with inhibit

LF15CPT Datasheet (HTML) - STMicroelectronics

Back Button LF15CPT Datasheet HTML 1Page - STMicroelectronics LF15CPT Datasheet HTML 2Page - STMicroelectronics LF15CPT Datasheet HTML 3Page - STMicroelectronics LF15CPT Datasheet HTML 4Page - STMicroelectronics LF15CPT Datasheet HTML 5Page - STMicroelectronics LF15CPT Datasheet HTML 6Page - STMicroelectronics LF15CPT Datasheet HTML 7Page - STMicroelectronics LF15CPT Datasheet HTML 8Page - STMicroelectronics LF15CPT Datasheet HTML 9Page - STMicroelectronics LF15CPT Datasheet HTML 10Page - STMicroelectronics Next Button 

LF15CPT Product details

Description

The LFxxAB/LFxxC are very Low Drop regulators available in PENTAWATT, TO-220, TO-220FP, DPAK and PPAK package and in a wide range of output voltages.

The very low drop voltage (0.45 V) and the very low quiescent current make them particularly suitable for low noise, low power applications and specially in battery powered systems. In the 5 pins configuration (PENTAWATT and PPAK) a Shutdown Logic Control function is available (pin 2, TTL compatible). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. In the three terminal configuration the device has the same electrical performance, but is fixed in the ON state.



Features

■ Very low dropout voltage (0.45V)

■ Very low quiescent current (typ. 50 µA in OFF mode, 500 µA in ON mode)

■ Output current up to 500 mA

■ Logic-controlled electronic shutdown

■ Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6; 8; 8.5; 9; 12V

■ Automotive Grade product: 1.8V, 2.5V, 3.3V, 5.0V, 8.0V, 8.5V VOUT in DPAK and PPAK packages

■ Internal current and thermal limit

■ Only 2.2 µF for stability

■ Available in ± 1% (AB) or ± 2% (C) selection at 25°C

■ Supply voltage rejection: 80db (typ.)

■ Temperature range: -40 to 125 °C



 




Similar Part No. - LF15CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF15CPT STMICROELECTRONICS-LF15CPT Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CPT STMICROELECTRONICS-LF15CPT Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CPT STMICROELECTRONICS-LF15CPT Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
LF15CPT STMICROELECTRONICS-LF15CPT Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF15CPT-TR STMICROELECTRONICS-LF15CPT-TR Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
More results


Similar Description - LF15CPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com