Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C30 Datasheet (PDF) - Diotec Semiconductor

BZT52C30 Datasheet PDF - Diotec Semiconductor
Part # BZT52C30
Download  BZT52C30 Download

File Size   99.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage

BZT52C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C30 Datasheet PDF - Diotec Semiconductor

Part # BZT52C30
Download  BZT52C30 Click to download

File Size   99.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage

BZT52C30 Datasheet (HTML) - Diotec Semiconductor

BZT52C30 Datasheet HTML 1Page - Diotec Semiconductor BZT52C30 Datasheet HTML 2Page - Diotec Semiconductor

BZT52C30 Product details

Features
   Sharp Zener voltage breakdown
   Low leakage current
   Compliant to RoHS (exemp. 7a)
   REACH, Conflict Minerals 1)

Typical Applications
   Voltage stabilization and regulators
   (For overvoltage protection
   see TVS diodes SMF series)
   Commercial /industrial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: AEC-Q101 qualified 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - BZT52C30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C30 TSC-BZT52C30 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C30 DIODES-BZT52C30 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
SeCoS Halbleitertechnol...
BZT52C30 SECOS-BZT52C30 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
BZT52C30 SECOS-BZT52C30 Datasheet
184Kb / 4P
   Surface Mount Zener Diode
logo
Dongguan City Niuhang E...
BZT52C30 NIUHANG-BZT52C30 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - BZT52C30

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A_07 Datasheet
52Kb / 1P
   Surface Mount Si-Schottky Diodes Si-Schottky-Dioden fur die Oberflahenmontage
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMM1-2P DIOTEC-ZMM1-2P Datasheet
134Kb / 3P
   Surface mount Silicon Planar Zener Diodes
BZX84B2V4 DIOTEC-BZX84B2V4_15 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZT52B2V4 DIOTEC-BZT52B2V4_15 Datasheet
85Kb / 2P
   Surface mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_07 Datasheet
96Kb / 2P
   Surface mount Silicon Planar Zener Diodes
ZMC2.4 DIOTEC-ZMC2.4_08 Datasheet
93Kb / 2P
   Surface mount Silicon Planar Zener Diodes
BZX84C2V4 DIOTEC-BZX84C2V4_09 Datasheet
126Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com