Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON4703 Datasheet (PDF) - Alpha & Omega Semiconductors

AON4703 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON4703
Download  AON4703 Download

File Size   165.09 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AON4703 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON4703 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON4703
Download  AON4703 Click to download

File Size   165.09 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AON4703 Datasheet (HTML) - Alpha & Omega Semiconductors

AON4703 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4703 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4703 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4703 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4703 Datasheet HTML 5Page - Alpha & Omega Semiconductors

AON4703 Product details

General Description
The AON4703 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. A Schottky diode is provided to facilitate the implementation of a bidirectional blocking switch, or for DC-DC conversion applications. Standard Product AON4703 is Pb-free (meets ROHS & Sony 259 specifications). AON4703L is a Green Product ordering option. AON4703 and AON4703L are electrically identical.

Features
    VDS (V) = -20V
    ID = -3.4A (VGS = -4.5V)
    RDS(ON) < 90mΩ (VGS = -4.5V)
    RDS(ON) < 120mΩ (VGS = -2.5V)
    RDS(ON) < 160mΩ (VGS = -1.8V)

SCHOTTKY
    VKA (V) = 20V, IF = 1A, VF<0.5V@0.5A




Similar Part No. - AON4703

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4703 AOSMD-AON4703 Datasheet
240Kb / 6P
   20V P-Channel MOSFET with Schottky Diode
AON4703 AOSMD-AON4703_10 Datasheet
240Kb / 6P
   20V P-Channel MOSFET with Schottky Diode
More results


Similar Description - AON4703

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com