Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT333 Datasheet (PDF) - Power Semiconductors

AT333 Datasheet PDF - Power Semiconductors
Part # AT333
Download  AT333 Download

File Size   43.45 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT333 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT333 Datasheet PDF - Power Semiconductors

Part # AT333
Download  AT333 Click to download

File Size   43.45 Kbytes
Page   4 Pages
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors
Description PHASE CONTROL THYRISTOR

AT333 Datasheet (HTML) - Power Semiconductors

AT333 Datasheet HTML 1Page - Power Semiconductors AT333 Datasheet HTML 2Page - Power Semiconductors AT333 Datasheet HTML 3Page - Power Semiconductors AT333 Datasheet HTML 4Page - Power Semiconductors

AT333 Product details

PHASE CONTROL THYRISTOR

Repetitive voltage up to 2400 V
Mean on-state current 660 A
Surge current 7.5 kA




Similar Part No. - AT333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT330 ETC1-AT330 Datasheet
559Kb / 2P
   Mini Survey Antenna
More results


Similar Description - AT333

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com