Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT9200A Datasheet (PDF) - Holtek Semiconductor Inc

HT9200A Datasheet PDF - Holtek Semiconductor Inc
Part # HT9200A_04
Download  HT9200A Download

File Size   139.62 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Generators

HT9200A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9200A Datasheet PDF - Holtek Semiconductor Inc

Part # HT9200A_04
Download  HT9200A Click to download

File Size   139.62 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Generators

HT9200A Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT9200A_04 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9200A_04 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT9200A Product details

General Description
The HT9200A/B tone generators are designed for MCU interfaces. They can be instructed by a MCU to generate 16 dual tones and 8 single tones from the DTMF pin. The HT9200A provides a serial mode whereas the HT9200B contains a selectable serial/parallel mode interface for various applications such as security systems, home automation, remote control through telephone lines, communication systems, etc.

Features
• Operating voltage: 2.5V~5.5V
• Serial mode for the HT9200A
• Serial/parallel mode for the HT9200B
• Low standby current
• Low total harmonic distortion
• 3.58MHz crystal or ceramic resonator
• HT9200A: 8-pin DIP/SOP package
    HT9200B: 14-pin SOP package




Similar Part No. - HT9200A_04

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
   DTMF Generators
More results


Similar Description - HT9200A_04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
   DTMF GENERATORS
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
   DTMF Generators
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
   DTMF Generators
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
   DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
   DTMF Filter
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com