Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB2EZ68 Datasheet (PDF) - Pan Jit International Inc.

1SMB2EZ68 Datasheet PDF - Pan Jit International Inc.
Part # 1SMB2EZ68
Download  1SMB2EZ68 Download

File Size   674.87 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODES

1SMB2EZ68 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMB2EZ68 Datasheet PDF - Pan Jit International Inc.

Part # 1SMB2EZ68
Download  1SMB2EZ68 Click to download

File Size   674.87 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description GLASS PASSIVATED JUNCTION SILICON ZENER DIODES

1SMB2EZ68 Datasheet (HTML) - Pan Jit International Inc.

1SMB2EZ68 Datasheet HTML 1Page - Pan Jit International Inc. 1SMB2EZ68 Datasheet HTML 2Page - Pan Jit International Inc. 1SMB2EZ68 Datasheet HTML 3Page - Pan Jit International Inc. 1SMB2EZ68 Datasheet HTML 4Page - Pan Jit International Inc.

1SMB2EZ68 Product details

FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• Typical ID less than 1.0µA above 11V
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• Pb free product are available : 99% Sn can meet RoHS environment substance directive request




Similar Part No. - 1SMB2EZ68

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB2EZ68 PANJIT-1SMB2EZ68 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
logo
Transys Electronics
1SMB2EZ68 TRSYS-1SMB2EZ68 Datasheet
366Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Shenzhen Taychipst Elec...
1SMB2EZ68 TAYCHIPST-1SMB2EZ68 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Similar Description - 1SMB2EZ68

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB5913B TAYCHIPST-1SMB5913B Datasheet
13Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com