Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMC5366 Datasheet (PDF) - Pan Jit International Inc.

1SMC5366 Datasheet PDF - Pan Jit International Inc.
Part # 1SMC5366
Download  1SMC5366 Download

File Size   48.22 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

1SMC5366 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMC5366 Datasheet PDF - Pan Jit International Inc.

Part # 1SMC5366
Download  1SMC5366 Click to download

File Size   48.22 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

1SMC5366 Datasheet (HTML) - Pan Jit International Inc.

1SMC5366 Datasheet HTML 1Page - Pan Jit International Inc. 1SMC5366 Datasheet HTML 2Page - Pan Jit International Inc. 1SMC5366 Datasheet HTML 3Page - Pan Jit International Inc.

1SMC5366 Product details

VOLTAGE 3.6~100 Volts CURRENT 5.0 Watts

FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-O
• Pb free product are available : 99% Sn can meet RoHS environment
   substance directive request

MECHANICAL DATA
   Case: JEDEC DO-214AB,Molded plastic over passivated junction.
   Terminals: Solder plated,solderable per MIL-STD-750, Method 2026
   Polarity: Color band denotes positive end (cathode)
   Standard Packaging:16mm tape (EIA-481)
   Weight: 0.007 ounce, 0.21 gram






Similar Part No. - 1SMC5366

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMC5366 PANJIT-1SMC5366 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
logo
Transys Electronics
1SMC5366 TRSYS-1SMC5366 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMC5366 PANJIT-1SMC5366 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5366 PANJIT-1SMC5366 Datasheet
47Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5366 PANJIT-1SMC5366 Datasheet
169Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - 1SMC5366

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com