Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS70SDW Datasheet (PDF) - Pan Jit International Inc.

BAS70SDW Datasheet PDF - Pan Jit International Inc.
Part # BAS70SDW
Download  BAS70SDW Download

File Size   152.45 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE ARRAYS

BAS70SDW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70SDW Datasheet PDF - Pan Jit International Inc.

Part # BAS70SDW
Download  BAS70SDW Click to download

File Size   152.45 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE ARRAYS

BAS70SDW Datasheet (HTML) - Pan Jit International Inc.

BAS70SDW Datasheet HTML 1Page - Pan Jit International Inc. BAS70SDW Datasheet HTML 2Page - Pan Jit International Inc. BAS70SDW Datasheet HTML 3Page - Pan Jit International Inc. BAS70SDW Datasheet HTML 4Page - Pan Jit International Inc.

BAS70SDW Product details

SURFACE MOUNT SCHOTTKY DIODES ARRAYS

These devices feature electrically-isolated Schottky diodes connected in varios configurations housed in a very small SOT-363

FEATURES
• Maximum forward voltage @ 1mA of 0.41V
• Maximum leakage current @ 50V of 100nA
• Reverse voltage rating of 70V
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. .
   (Halogen Free)

APPLICATOINS
• Rail-to rail ESD protection
• Overshoot and undershoot switching control
• Mobile phones and accessories
• Video fame consoles connector ports

MECHANICAL DATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx weight: 0.0002 ounces, 0.006 grams
• Marking: BAS70TW: A70, BAS70ADW:A72, BAS70CDW: A73,
                 BAS70SDW:A74




Similar Part No. - BAS70SDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70SDW PANJIT-BAS70SDW Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diotec Semiconductor
BAS70SDW DIOTEC-BAS70SDW Datasheet
219Kb / 2P
   SMD Small Signal Diode Arrays
logo
Pan Jit International I...
BAS70SDW-AU PANJIT-BAS70SDW-AU Datasheet
273Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
BAS70SDW-AU_R1_000A1 PANJIT-BAS70SDW-AU_R1_000A1 Datasheet
273Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
August 15,2017-REV.00
logo
Chenmko Enterprise Co. ...
BAS70SDWPT CHENMKO-BAS70SDWPT Datasheet
157Kb / 2P
   SCHOTTKY DIODE ARRAY VOLTAGE 70 Volts CURRENT 70 mAmperes
More results


Similar Description - BAS70SDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54STB-TB6 PANJIT-BAT54STB-TB6_16 Datasheet
197Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU_16 Datasheet
131Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW_09 Datasheet
173Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS40TW PANJIT-BAS40TW Datasheet
123Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com