Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9017-1HGB Datasheet (PDF) - Richtek Technology Corporation

RT9017-1HGB Datasheet PDF - Richtek Technology Corporation
Part # RT9017-1HGB
Download  RT9017-1HGB Download

File Size   307.36 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9017-1HGB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9017-1HGB Datasheet PDF - Richtek Technology Corporation

Part # RT9017-1HGB
Download  RT9017-1HGB Click to download

File Size   307.36 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9017-1HGB Datasheet (HTML) - Richtek Technology Corporation

Back Button RT9017-1HGB Datasheet HTML 1Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 2Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 3Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 4Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 5Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 6Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 7Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 8Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 9Page - Richtek Technology Corporation RT9017-1HGB Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9017-1HGB Product details

General Description
The RT9017 is designed for portable RF and wireless applications with demanding performance and space requirements. The RT9017 performance is optimized for battery-powered systems to deliver ultra low noise and low quiescent current. Regulator ground current increases only slightly in dropout, further prolonging the battery life.

Features
• Short Circuit Thermal Folded Back Protection
• Low-Noise for RF Application
• Fast Response in Line/Load Transient
• Quick Start-Up (Typically 50μs)
• 0.01μA Standby Current When Shutdown
• Low Dropout : 380mV @ 500mA
• Wide Operating Voltage Ranges : 2.5V to 5.5V
• TTL-Logic-Controlled Shutdown Input
• Low Temperature Coefficient
• Current Limiting Protection
• Thermal Shutdown Protection
• Only 1μF Output Capacitor Required for Stability
• High Power Supply Rejection Ratio
• Custom Voltage Available
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• CDMA/GSM Cellular Handsets
• Battery-Powered Equipment
• Laptop, Palmtops, Notebook Computers
• Hand-Held Instruments
• PCMCIA Cards
• Portable Information Appliances




Similar Part No. - RT9017-1HGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12GJ6 RICHTEK-RT9010-12GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12PJ6 RICHTEK-RT9010-12PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13GJ6 RICHTEK-RT9010-13GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13PJ6 RICHTEK-RT9010-13PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
More results


Similar Description - RT9017-1HGB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com