Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9016-25PB Datasheet (PDF) - Richtek Technology Corporation

RT9016-25PB Datasheet PDF - Richtek Technology Corporation
Part # RT9016-25PB
Download  RT9016-25PB Download

File Size   299.6 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9016-25PB Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9016-25PB Datasheet PDF - Richtek Technology Corporation

Part # RT9016-25PB
Download  RT9016-25PB Click to download

File Size   299.6 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 500mA Peak, Thermal Folded Back CMOS LDO Regulator

RT9016-25PB Datasheet (HTML) - Richtek Technology Corporation

Back Button RT9016-25PB Datasheet HTML 1Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 2Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 3Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 4Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 5Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 6Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 7Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 8Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 9Page - Richtek Technology Corporation RT9016-25PB Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9016-25PB Product details

General Description

The RT9016 is designed for portable RF and wireless applications with demanding performance and space requirements. The RT9016 performance is optimized for battery-powered systems to deliver ultra low noise and low quiescent current. A noise bypass pin is available for further reduction of output noise. Regulator ground current increases only slightly in dropout, further prolonging the battery life.



Features

• Short Circuit Thermal Folded Back Protection

• Ultra-Low-Noise for RF Application

• Ultra-Fast Response in Line/Load Transient

• Quick Start-Up (Typically 50μs)

• 0.01μA Standby Current When Shutdown

• Low Dropout : 380mV @ 500mA

• Wide Operating Voltage Ranges : 2.5V to 5.5V

• TTL-Logic-Controlled Shutdown Input

• Low Temperature Coefficient

• Current Limiting Protection

• Thermal Shutdown Protection

• Only 1μF Output Capacitor Required for Stability

• High Power Supply Rejection Ratio

• Custom Voltage Available

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• CDMA/GSM Cellular Handsets

• Battery-Powered Equipment

• Laptop, Palmtops, Notebook Computers

• Hand-Held Instruments

• PCMCIA Cards

• Portable Information Appliances



 




Similar Part No. - RT9016-25PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12GJ6 RICHTEK-RT9010-12GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-12PJ6 RICHTEK-RT9010-12PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13GJ6 RICHTEK-RT9010-13GJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
RT9010-13PJ6 RICHTEK-RT9010-13PJ6 Datasheet
245Kb / 10P
   300mA LDO Regulator with POR
More results


Similar Description - RT9016-25PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
   300mA, Thermal Folded Back CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com