Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9176-25GG Datasheet (PDF) - Richtek Technology Corporation

RT9176-25GG Datasheet PDF - Richtek Technology Corporation
Part # RT9176-25GG
Download  RT9176-25GG Download

File Size   241.82 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators

RT9176-25GG Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9176-25GG Datasheet PDF - Richtek Technology Corporation

Part # RT9176-25GG
Download  RT9176-25GG Click to download

File Size   241.82 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators

RT9176-25GG Datasheet (HTML) - Richtek Technology Corporation

Back Button RT9176-25GG Datasheet HTML 1Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 2Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 3Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 4Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 5Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 6Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 7Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 8Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 9Page - Richtek Technology Corporation RT9176-25GG Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9176-25GG Product details

General Description
The RT9176 series of high performance positive voltage regulators is designed for applications requiring low dropout performance at fully rated current. Additionally, the RT9176 series provides excellent regulation over variations in line and load. Outstanding features include low dropout performance at rated current, fast transient response, internal current-limiting, and thermal-shutdown protection of the output device. The RT9176 series of three terminal regulators offers fixed and adjustable voltage options available in space-saving SOT-223, TO-252, and TO-263
packages.

Features
Low Dropout Performance, 1.5V Max.
Full Current Rating Over Line and Temperature
Fast Transient Response
± 2% Output Voltage Accuracy
1.5V, 1.8V, 2.5V, 2.85V, 3.3V, and 3.5V Fixed and Adjustable Output Voltage
SOT-223, TO-252, and TO-263 Packages
RoHS Compliant and 100% Lead (Pb)-Free

Applications
Active SCSI Termination
Low Voltage Microcontrollers
Switching Power Supply Post-Regulator




Similar Part No. - RT9176-25GG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GB RICHTEK-RT9170-12GB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GV RICHTEK-RT9170-12GV Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12GX RICHTEK-RT9170-12GX Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
RT9170-12PB RICHTEK-RT9170-12PB Datasheet
220Kb / 13P
   300mA, 15關A Quiescent Current CMOS LDO Regulator
More results


Similar Description - RT9176-25GG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1086 STMICROELECTRONICS-LD1086 Datasheet
196Kb / 21P
   1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com