Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9203APS Datasheet (PDF) - Richtek Technology Corporation

RT9203APS Datasheet PDF - Richtek Technology Corporation
Part # RT9203APS
Download  RT9203APS Download

File Size   215.46 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller

RT9203APS Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9203APS Datasheet PDF - Richtek Technology Corporation

Part # RT9203APS
Download  RT9203APS Click to download

File Size   215.46 Kbytes
Page   16 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller

RT9203APS Datasheet (HTML) - Richtek Technology Corporation

Back Button RT9203APS Datasheet HTML 1Page - Richtek Technology Corporation RT9203APS Datasheet HTML 2Page - Richtek Technology Corporation RT9203APS Datasheet HTML 3Page - Richtek Technology Corporation RT9203APS Datasheet HTML 4Page - Richtek Technology Corporation RT9203APS Datasheet HTML 5Page - Richtek Technology Corporation RT9203APS Datasheet HTML 6Page - Richtek Technology Corporation RT9203APS Datasheet HTML 7Page - Richtek Technology Corporation RT9203APS Datasheet HTML 8Page - Richtek Technology Corporation RT9203APS Datasheet HTML 9Page - Richtek Technology Corporation RT9203APS Datasheet HTML 10Page - Richtek Technology Corporation Next Button 

RT9203APS Product details

General  Description

The RT9203/A is a dual-output power controllers designed for  high  perf ormance  graphics cards and  personal computers.   The  IC  integrates  a synchronous buck controller ,  a  linear  controller  and  protection  functions  into a  small 8-pin  package.



Featur es

Operates at 5V

0.8V Internal  Reference

Drives Two  N-MOSFET

Voltage Mode PWM Control

Fast  Transient  Response

Fixed  300kHz  Oscillator  Frequency

Dynamic  0  to  100%  Duty  Cycle

Internal  PWM  Loop  Compensation

Internal  Soft-Start

Adaptive  Non-Overlapping  Gate  Driver

Over-Voltage  Protection  Uses  Lower  MOSFET

RoHS  Compliant  and  100%  Lead  (Pb)-Free




Similar Part No. - RT9203APS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201GQV RICHTEK-RT9201GQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9201PQV RICHTEK-RT9201PQV Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
RT9202 RICHTEK-RT9202 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
More results


Similar Description - RT9203APS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com