Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5387ACPZ-R71 Datasheet (PDF) - Analog Devices

ADL5387ACPZ-R71 Datasheet PDF - Analog Devices
Part # ADL5387ACPZ-R71
Download  ADL5387ACPZ-R71 Download

File Size   761.41 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 2 GHz Quadrature Demodulator

ADL5387ACPZ-R71 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5387ACPZ-R71 Datasheet PDF - Analog Devices

Part # ADL5387ACPZ-R71
Download  ADL5387ACPZ-R71 Click to download

File Size   761.41 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz to 2 GHz Quadrature Demodulator

ADL5387ACPZ-R71 Datasheet (HTML) - Analog Devices

Back Button ADL5387ACPZ-R71 Datasheet HTML 1Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 2Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5387ACPZ-R71 Datasheet HTML 10Page - Analog Devices Next Button 

ADL5387ACPZ-R71 Product details

GENERAL DESCRIPTION
The ADL5387 is a broadband quadrature I/Q demodulator that covers an RF/IF input frequency range from 50 MHz to 2 GHz. With a NF = 13.2 dB, IP1dB = 12.7 dBm, and IIP3 = 32 dBm @ 450 MHz, the ADL5387 demodulator offers outstanding dynamic range suitable for the demanding infrastructure direct-conversion requirements. The differential RF/IF inputs provide a well behaved broadband input impedance of 50 Ω and are best driven from a 1:1 balun for optimum performance.

FEATURES
    Operating RF frequency 50 MHz to 2 GHz
    LO input at 2 × fLO 100 MHz to 4 GHz
    Input IP3: 31 dBm @ 900 MHz
    Input IP2: 62 dBm @ 900 MHz
    Input P1dB: 13 dBm @ 900 MHz
    Noise figure (NF) 12.0 dB @ 140 MHz 14.7 dB @ 900 MHz
    Voltage conversion gain > 4 dB
    Quadrature demodulation accuracy Phase accuracy ~0.4° Amplitude balance ~0.05 dB
    Demodulation bandwidth ~240 MHz
    Baseband I/Q drive 2 V p-p into 200 Ω
    Single 5 V supply

APPLICATIONS
    QAM/QPSK RF/IF demodulators
    W-CDMA/CDMA/CDMA2000/GSM
    Microwave point-to-(multi)point radios
    Broadband wireless and WiMAX
    Broadband CATVs




Similar Part No. - ADL5387ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5387ACPZ-R7 AD-ADL5387ACPZ-R7 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results


Similar Description - ADL5387ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
   30 MHz to 2 GHz Quadrature Demodulator
Rev. C
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ-REEL7 AD-AD8348ARUZ-REEL7 Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
AD8348ARUZ AD-AD8348ARUZ Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5380 AD-ADL5380 Datasheet
840Kb / 36P
   400 MHz to 6 GHz Quadrature Demodulator
REV. 0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
   700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
AD8348 AD-AD8348 Datasheet
778Kb / 13P
   50-1000 MHz Quadrature Demodulator
Rev. PrF 2/11/03
logo
Texas Instruments
TRF370417 TI-TRF370417 Datasheet
613Kb / 29P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
TRF370417 TI1-TRF370417 Datasheet
1Mb / 34P
[Old version datasheet]   50-MHz to 6-GHz Quadrature Modulator
TRF370417_15 TI-TRF370417_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   50-MHz TO 6-GHz QUADRATURE MODULATOR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com