Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ4.3 Datasheet (PDF) - Pan Jit International Inc.

GDZ4.3 Datasheet PDF - Pan Jit International Inc.
Part # GDZ4.3
Download  GDZ4.3 Download

File Size   66.66 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

GDZ4.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDZ4.3 Datasheet PDF - Pan Jit International Inc.

Part # GDZ4.3
Download  GDZ4.3 Click to download

File Size   66.66 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

GDZ4.3 Datasheet (HTML) - Pan Jit International Inc.

GDZ4.3 Datasheet HTML 1Page - Pan Jit International Inc. GDZ4.3 Datasheet HTML 2Page - Pan Jit International Inc. GDZ4.3 Datasheet HTML 3Page - Pan Jit International Inc. GDZ4.3 Datasheet HTML 4Page - Pan Jit International Inc.

GDZ4.3 Product details

VOLTAGE 2.0 to 56 Volts POWER 500 mWatts

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
   Normal : 80~95% Sn, 5~20% Pb
   Pb free: 98.5% Sn above

MECHANICAL DATA
• Case: Molded Glass DO-34
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.09 grams
• Mounting Position: Any
• Ordering information
                        Suffix : “ -34 ” to order DO-34 Package
• Packing information
                        B - 2K per Bulk box
                        T/R - 10K per 13" plastic Reel
                        T/B - 5K per horiz. tape & Ammo box



Similar Part No. - GDZ4.3

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
GDZ4.3 WILLAS-GDZ4.3 Datasheet
401Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZ4.3A FRONTIER-GDZ4.3A Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Formosa MS
GDZ4.3A FORMOSA-GDZ4.3A Datasheet
419Kb / 4P
   Zener diode
logo
EIC discrete Semiconduc...
GDZ4.3B EIC-GDZ4.3B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ4.3B SYNSEMI-GDZ4.3B Datasheet
77Kb / 2P
   ZENER DIODES
More results


Similar Description - GDZ4.3

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com