Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB715F Datasheet (PDF) - TRANSYS Electronics Limited

RB715F Datasheet PDF - TRANSYS Electronics Limited
Part # RB715F
Download  RB715F Download

File Size   64.8 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY BARRIER DIODE

RB715F Datasheet (PDF)

Go To PDF Page Download Datasheet
RB715F Datasheet PDF - TRANSYS Electronics Limited

Part # RB715F
Download  RB715F Click to download

File Size   64.8 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY BARRIER DIODE

RB715F Datasheet (HTML) - TRANSYS Electronics Limited

RB715F Datasheet HTML 1Page - TRANSYS Electronics Limited

RB715F Product details

FEATURES:
    Power dissipation
        PD: 200 mW (Tamb=25℃)
    Collector current
        IF: 30 mA
    Collector-base voltage
        VR: 40 V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃




Similar Part No. - RB715F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB715F ROHM-RB715F Datasheet
199Kb / 4P
   Schottky barrier diode
logo
Micro Commercial Compon...
RB715F MCC-RB715F Datasheet
139Kb / 2P
   30 mA Schottky Barrier Diode 40 Volts
logo
Galaxy Semi-Conductor H...
RB715F BILIN-RB715F Datasheet
382Kb / 3P
   Schottky Barrier Diode
RB715F BILIN-RB715F Datasheet
410Kb / 3P
   Schottky Barrier Diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
   Shottky barrier diode
More results


Similar Description - RB715F

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com