Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4758 Datasheet (PDF) - First Components International

1N4758 Datasheet PDF - First Components International
Part # 1N4758
Download  1N4758 Download

File Size   172.2 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1 Watt ZENER DIODES (3.3V to 100V)

1N4758 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4758 Datasheet PDF - First Components International

Part # 1N4758
Download  1N4758 Click to download

File Size   172.2 Kbytes
Page   2 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1 Watt ZENER DIODES (3.3V to 100V)

1N4758 Datasheet (HTML) - First Components International

1N4758 Datasheet HTML 1Page - First Components International 1N4758 Datasheet HTML 2Page - First Components International

1N4758 Product details

Features

■ 5 & 10% VOLTAGE TOLERANCES AVAILABLE

■ WIDE VOLTAGE RANGE

■ MEETS UL SPECIFICATION 94V-0



 




Similar Part No. - 1N4758

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4758 SURGE-1N4758 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4758 CHENDA-1N4758 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Silicon Standard Corp.
1N4758 SSC-1N4758 Datasheet
173Kb / 3P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N4758 NJSEMI-1N4758 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Semtech Corporation
1N4758 SEMTECH-1N4758 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results


Similar Description - 1N4758

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
   1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
   1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
DL4728A FCI-DL4728A Datasheet
104Kb / 2P
   1 Watt [3.3~100V] ZENER DIODES Junction Temp.
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Yea Shin Technology Co....
ZS4728A YEASHIN-ZS4728A Datasheet
872Kb / 5P
   1000mW Surface Mount Zener Diodes - 3.3V-100V
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com