Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBM12-10 Datasheet (PDF) - First Components International

FBM12-10 Datasheet PDF - First Components International
Part # FBM12-10
Download  FBM12-10 Download

File Size   40.69 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 12VA Dual Primary 115V-230V, 50/60HZ Transformers

FBM12-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBM12-10 Datasheet PDF - First Components International

Part # FBM12-10
Download  FBM12-10 Click to download

File Size   40.69 Kbytes
Page   1 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 12VA Dual Primary 115V-230V, 50/60HZ Transformers

FBM12-10 Datasheet (HTML) - First Components International

FBM12-10 Datasheet HTML 1Page - First Components International



Similar Part No. - FBM12-10

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
FBM12PT CHENMKO-FBM12PT Datasheet
194Kb / 2P
   FAST RECOVERY SILICON RECTIFIER
More results


Similar Description - FBM12-10

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA200EC ORIONFANS-OA200EC Datasheet
1Mb / 1P
   EC Fan Dual Speed- 115V, 230V
logo
Nuvotem Talema
AX-0500 TALEMA-AX-0500 Datasheet
325Kb / 3P
   50/60Hz Current Transformers
logo
Central Technologies
CTSPWF-D CT-CTSPWF-D Datasheet
180Kb / 2P
   Power Transformers - Standard E Dual 115V
logo
ORION FANS
OA254XC ORIONFANS-OA254XC Datasheet
399Kb / 1P
   AC Fan - 115V, 230V High Performance
OA109 ORIONFANS-OA109 Datasheet
837Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 120x38mm (4.7?쓝 1.5??
logo
Emerson Network Power
HS1B50 EMERSON-NETWORKPOWER-HS1B50 Datasheet
326Kb / 10P
   Automation Transformers - Non-Ventilated 50 VA to 45 kVA
July 2020
logo
TRIAD MAGNETICS
WAU060-2000-G TRIAD-WAU060-2000-G Datasheet
145Kb / 1P
   Primary Rating:120V 60Hz
WAU060-2000-S TRIAD-WAU060-2000-S Datasheet
143Kb / 1P
   Primary Rating:120V 60Hz
WAU200-600T TRIAD-WAU200-600T Datasheet
140Kb / 1P
   Primary Rating:120V 60Hz
WAU160-750-G TRIAD-WAU160-750-G Datasheet
142Kb / 1P
   Primary Rating:120V 60Hz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com