Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ9.0 Datasheet (PDF) - First Components International

SMBJ9.0 Datasheet PDF - First Components International
Part # SMBJ9.0
Download  SMBJ9.0 Download

File Size   186.41 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS

SMBJ9.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ9.0 Datasheet PDF - First Components International

Part # SMBJ9.0
Download  SMBJ9.0 Click to download

File Size   186.41 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS

SMBJ9.0 Datasheet (HTML) - First Components International

SMBJ9.0 Datasheet HTML 1Page - First Components International SMBJ9.0 Datasheet HTML 2Page - First Components International SMBJ9.0 Datasheet HTML 3Page - First Components International SMBJ9.0 Datasheet HTML 4Page - First Components International

SMBJ9.0 Product details

Features
■ 600 WATT PEAK POWER PROTECTION
■ EXCELLENT CLAMPING CAPABILITY
■ FAST RESPONSE TIME
■ TYPICAL IR < 1µA ABOVE 10V
■ GLASS PASSIVATED CHIP CONSTRUCTION
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - SMBJ9.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ9.0 JGD-SMBJ9.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ9.0 MICROSEMI-SMBJ9.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
logo
Socay Electornics Co., ...
SMBJ9.0 SOCAY-SMBJ9.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Yangzhou yangjie electr...
SMBJ9.0 YANGJIE-SMBJ9.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMBJ9.0 HDSEMI-SMBJ9.0 Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results


Similar Description - SMBJ9.0

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com