Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-5120AG Datasheet (PDF) - Optoway Technology Inc

SPS-5120AG Datasheet PDF - Optoway Technology Inc
Part # SPS-5120AG
Download  SPS-5120AG Download

File Size   149.01 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-5120AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-5120AG Datasheet PDF - Optoway Technology Inc

Part # SPS-5120AG
Download  SPS-5120AG Click to download

File Size   149.01 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER

SPS-5120AG Datasheet (HTML) - Optoway Technology Inc

SPS-5120AG Datasheet HTML 1Page - Optoway Technology Inc SPS-5120AG Datasheet HTML 2Page - Optoway Technology Inc SPS-5120AG Datasheet HTML 3Page - Optoway Technology Inc SPS-5120AG Datasheet HTML 4Page - Optoway Technology Inc

SPS-5120AG Product details

DESCRIPTION
The SPS-5120G series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as IR SONET OC-12 / SDH STM-4 and Fiber Channel. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliant with SONET OC-12 IR-1 / SDH STM-4 (S-4.1)
● Distance up to 20km
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● -10 to 85°C Operation : SPS-5120G
● -40 to 85°C Operation : SPS-5120AG
● Class 1 Laser International Safety Standard IEC 60825 Compliant

APPLICATIONS
● ATM Switches and Routers
● SONET / SDH Switch Infrastructure
● XDSL Applications
● Metro Edge Switching




Similar Part No. - SPS-5120AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5120AG OPTOWAY-SPS-5120AG Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-5120AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5140G OPTOWAY-SPS-5140G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5120G OPTOWAY-SPS-5120G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPM-5101G OPTOWAY-SPM-5101G Datasheet
143Kb / 4P
   3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-5101G OPTOWAY-SPM-5101G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPS-5140WG OPTOWAY-SPS-5140WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-5140WG OPTOWAY-SPS-5140WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-5120WG OPTOWAY-SPS-5120WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5120WG OPTOWAY-SPS-5120WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com