Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1534 Datasheet (PDF) - ams AG

AS1534 Datasheet PDF - ams AG
Part # AS1534
Download  AS1534 Download

File Size   351.73 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-bit, 8-Channel, Low-Power, 200ksps A/D Converter

AS1534 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1534 Datasheet PDF - ams AG

Part # AS1534
Download  AS1534 Click to download

File Size   351.73 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 12-bit, 8-Channel, Low-Power, 200ksps A/D Converter

AS1534 Datasheet (HTML) - ams AG

AS1534 Datasheet HTML 1Page - ams AG AS1534 Datasheet HTML 2Page - ams AG

AS1534 Product details

General Description
The AS1534 is a low-power, 8-channel, 200ksps, 12-bit analog-to-digital (A/D) converter specifically designed to operate with single-supply devices. Superior AC characteristics, very low power-consumption, and highly-reliable packaging make the AS1534 perfect for battery powered remote-sensor and data-acquisition devices.

Key Features
Sampling Rate: 200ksps
8- and 16-Bit Parallel Interface
Analog Input Types:
  - 8-Channel Single-Ended
  - 4-Channel Pseudo-Differential
  - 4-Channel Fully-Differential
Software-Configurable Unipolar or Bipolar Inputs
Internal +2.5V Reference
External Reference: 1.2V to VDD
Low-Power Operation:
  - 7.5mW (VDD= 3 V)
  - 1.5mW (Using Automatic Power-Down after Conversion; VDD= 3 V, 10ksps)
Single-Supply Operation: +3 to +3.6V
44-pin PQFP Package

Applications
The device is ideal for remote sensors, data-acquisition and data-logging devices, pen-digitizers, process control, or any other space-limited A/D application with low power-consumption requirements.




Similar Part No. - AS1534

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530 AMSCO-AS1530 Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
AS1530-T AMSCO-AS1530-T Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
More results


Similar Description - AS1534

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
   Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Linear Technology
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
National Semiconductor ...
ADC78H90 NSC-ADC78H90 Datasheet
828Kb / 16P
   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H90 TI1-ADC78H90_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 500 kSPS, 12-Bit A/D Converter
logo
Analog Devices
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
logo
Sipex Corporation
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com