Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9626BCPZ-170 Datasheet (PDF) - Analog Devices

AD9626BCPZ-170 Datasheet PDF - Analog Devices
Part # AD9626BCPZ-170
Download  AD9626BCPZ-170 Download

File Size   1616.34 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter

AD9626BCPZ-170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9626BCPZ-170 Datasheet PDF - Analog Devices

Part # AD9626BCPZ-170
Download  AD9626BCPZ-170 Click to download

File Size   1616.34 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter

AD9626BCPZ-170 Datasheet (HTML) - Analog Devices

Back Button AD9626BCPZ-170 Datasheet HTML 1Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 2Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 3Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 4Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 5Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 6Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 7Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 8Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 9Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 10Page - Analog Devices Next Button 

AD9626BCPZ-170 Product details

GENERAL DESCRIPTION
The AD9626 is a 12-bit monolithic sampling analog-to-digital converter optimized for high performance, low power, and ease of use. The product operates at up to a 250 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband carrier and broadband systems. All necessary functions, including a track-and-hold (T/H) and voltage reference, are included on the chip to provide a complete signal conversion solution.

FEATURES
   SNR = 64.8 dBFS @ fIN up to 70 MHz @ 250 MSPS
   ENOB of 10.5 @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
   SFDR = 80 dBc @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
   Excellent linearity
      DNL = ±0.3 LSB typical
      INL = ±0.7 LSB typical
   CMOS outputs
      Single data port at up to 250 MHz
      Interleaved dual port @ ½ sample rate up to 125 MHz
   700 MHz full power analog bandwidth
   On-chip reference, no external decoupling required
   Integrated input buffer and track-and-hold
   Low power dissipation
      272 mW @ 170 MSPS
      364 mW @ 250 MSPS
   Programmable input voltage range
      1.0 V to 1.5 V, 1.25 V nominal
   1.8 V analog and digital supply operation
   Selectable output data format (offset binary, twos
      complement, Gray code)
   Clock duty cycle stabilizer
   Integrated data capture clock

APPLICATIONS
   Wireless and wired broadband communications
   Cable reverse path
   Communications test equipment
   Radar and satellite subsystems
   Power amplifier linearization




Similar Part No. - AD9626BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9626BCPZ-170 AD-AD9626BCPZ-170 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
More results


Similar Description - AD9626BCPZ-170

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com