Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4107 Datasheet (PDF) - Toshiba Semiconductor

2SK4107 Datasheet PDF - Toshiba Semiconductor
Part # 2SK4107
Download  2SK4107 Download

File Size   268.5 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK4107 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4107 Datasheet PDF - Toshiba Semiconductor

Part # 2SK4107
Download  2SK4107 Click to download

File Size   268.5 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK4107 Datasheet (HTML) - Toshiba Semiconductor

2SK4107 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4107 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4107 Datasheet HTML 3Page - Toshiba Semiconductor 2SK4107 Datasheet HTML 4Page - Toshiba Semiconductor 2SK4107 Datasheet HTML 5Page - Toshiba Semiconductor 2SK4107 Datasheet HTML 6Page - Toshiba Semiconductor

2SK4107 Product details

Switching Regulator Applications



• Low drain−source ON resistance  :  RDS(ON) = 0. 33 Ω(typ.)

• High forward transfer admittance  :  |Yfs| = 8.5 S (typ.)

• Low leakage current  :  IDSS= 100 μA (max) (VDS= 500 V)

• Enhancement mode  : Vth= 2.0 to 4.0 V (VDS= 10 V, ID= 1 mA)






Similar Part No. - 2SK4107

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4107 TOSHIBA-2SK4107 Datasheet
246Kb / 6P
   Switching Regulator Applications
logo
Nell Semiconductor Co.,...
2SK4107 NELLSEMI-2SK4107 Datasheet
344Kb / 6P
   N-Channel Power MOSFET
logo
Toshiba Semiconductor
2SK4107 TOSHIBA-2SK4107 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Thinki Semiconductor Co...
2SK4107 THINKISEMI-2SK4107 Datasheet
1Mb / 6P
   THINKISEMI 15A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
logo
Toshiba Semiconductor
2SK4107 TOSHIBA-2SK4107_09 Datasheet
246Kb / 6P
   Switching Regulator Applications
More results


Similar Description - 2SK4107

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com