Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4115 Datasheet (PDF) - Toshiba Semiconductor

2SK4115 Datasheet PDF - Toshiba Semiconductor
Part # 2SK4115
Download  2SK4115 Download

File Size   151.49 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4115 Datasheet PDF - Toshiba Semiconductor

Part # 2SK4115
Download  2SK4115 Click to download

File Size   151.49 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

2SK4115 Datasheet (HTML) - Toshiba Semiconductor

2SK4115 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4115 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4115 Datasheet HTML 3Page - Toshiba Semiconductor

2SK4115 Product details

Switching Regulator Applications

•  Low drain-source ON resistance: RDS (ON)= 1.6 Ω(typ.)

•  High forward transfer admittance: ⎪Yfs⎪= 5.0 S (typ.)

•  Low leakage current: IDSS= 100 μA (max) (VDS= 720 V)

•  Enhancement model: Vth= 2.0~4.0 V (VDS= 10 V, ID= 1 mA)






Similar Part No. - 2SK4115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4115 TOSHIBA-2SK4115 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4115 ISC-2SK4115 Datasheet
326Kb / 2P
   iscN-Channel MOSFET Transistor
More results


Similar Description - 2SK4115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com