Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39881B9439M410 Datasheet (PDF) - EPCOS

B39881B9439M410 Datasheet PDF - EPCOS
Part # B39881B9439M410
Download  B39881B9439M410 Download

File Size   87.46 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter

B39881B9439M410 Datasheet (PDF)

Go To PDF Page Download Datasheet
B39881B9439M410 Datasheet PDF - EPCOS

Part # B39881B9439M410
Download  B39881B9439M410 Click to download

File Size   87.46 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Rx filter

B39881B9439M410 Datasheet (HTML) - EPCOS

B39881B9439M410 Datasheet HTML 1Page - EPCOS B39881B9439M410 Datasheet HTML 2Page - EPCOS B39881B9439M410 Datasheet HTML 3Page - EPCOS B39881B9439M410 Datasheet HTML 4Page - EPCOS B39881B9439M410 Datasheet HTML 5Page - EPCOS B39881B9439M410 Datasheet HTML 6Page - EPCOS B39881B9439M410 Datasheet HTML 7Page - EPCOS B39881B9439M410 Datasheet HTML 8Page - EPCOS

B39881B9439M410 Product details

Features
■ Package size 1.4 x1.1 x 0.4 mm3
■ Package code QCS5I
■ RoHS compatible
■ Approximate weight 0.003 g
■ Package for Surface Mount Technology (SMT)
■ Ni, gold-plated terminals
■ Electrostatic Sensitive Device (ESD)

Application
■ Low-loss RF filter for mobile telephone Cellular systems, receive path (RX)
■ Suitable for diversity applications
■ Impedance 50 Ω input and output
■ Unbalanced / unbalanced operation
■ Very high TX suppression
■ Usable passband 25 MHz




Similar Part No. - B39881B9439M410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B9439M410 TDK-B39881B9439M410 Datasheet
112Kb / 8P
   SAW Rx filter
More results


Similar Description - B39881B9439M410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39202B5064U410 TDK-B39202B5064U410 Datasheet
252Kb / 12P
   SAW Rx filter
B39202B5072U410 TDK-B39202B5072U410 Datasheet
108Kb / 8P
   SAW Rx filter
B39881B4303F210 TDK-B39881B4303F210 Datasheet
134Kb / 10P
   SAW Rx filter
B39941B9853P810 TDK-B39941B9853P810 Datasheet
111Kb / 8P
   SAW Rx Filter
B39881B9851P810 TDK-B39881B9851P810 Datasheet
128Kb / 8P
   Saw Rx Filter
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
   SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
   SAW Rx Filter
B39941B4323P810 TDK-B39941B4323P810 Datasheet
151Kb / 10P
   SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
   SAW Rx filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
   SAW Rx Filter
B39881B9857P810 TDK-B39881B9857P810 Datasheet
182Kb / 8P
   SAW Rx Filter
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com