Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3043F Datasheet (PDF) - Toshiba Semiconductor

TLP3043F Datasheet PDF - Toshiba Semiconductor
Part # TLP3043F
Download  TLP3043F Download

File Size   102.11 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY

TLP3043F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3043F Datasheet PDF - Toshiba Semiconductor

Part # TLP3043F
Download  TLP3043F Click to download

File Size   102.11 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY

TLP3043F Datasheet (HTML) - Toshiba Semiconductor

TLP3043F Datasheet HTML 1Page - Toshiba Semiconductor TLP3043F Datasheet HTML 2Page - Toshiba Semiconductor

TLP3043F Product details

Office Machine

Household Use Equipment

Triac Driver

Solid State Relay



The TOSHIBA TLP3041F(S), TLP3042F(S) and TLP3043(S) consist of a photo−triac optically coupled to a gallium arsenide infrared emitting diode in a six lead plastic DIP.

All parameters are tested to the specifications of TLP3041(S) TLP3042(S) and TLP3043(S).

(both condition and limits)



Peak off−state voltage: 400V (min)

Trigger LED current: 15mA (max) (TLP3041F(S))

                            10mA (max) (TLP3042F(S))

                             5mA (max) (TLP3043F(S))

On−state current: 100mA (max)

UL recognized: UL1577, file no. E67349

Isolation voltage: 5000 Vrms (min)

SEMKO approved: SS EN60065

                        SS EN60950

                        SS EN60335

BSI approved: BS EN60065

                   BS EN60950




Similar Part No. - TLP3043F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3043 TOSHIBA-TLP3043 Datasheet
300Kb / 6P
   office machine houselold use equipment
TLP3043 TOSHIBA-TLP3043 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3043S TOSHIBA-TLP3043S Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Similar Description - TLP3043F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021 TOSHIBA-TLP3021_07 Datasheet
347Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
   Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
   OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com