Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP719F Datasheet (PDF) - Toshiba Semiconductor

TLP719F Datasheet PDF - Toshiba Semiconductor
Part # TLP719F
Download  TLP719F Download

File Size   127.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Digital logic ground isolation

TLP719F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP719F Datasheet PDF - Toshiba Semiconductor

Part # TLP719F
Download  TLP719F Click to download

File Size   127.58 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Digital logic ground isolation

TLP719F Datasheet (HTML) - Toshiba Semiconductor

TLP719F Datasheet HTML 1Page - Toshiba Semiconductor TLP719F Datasheet HTML 2Page - Toshiba Semiconductor

TLP719F Product details

Digital logic ground isolation
Line receivers
Microprocessor system interfaces
Switching power supply feedback control
Transistor invertors

The TOSHIBA TLP719F consists of a GaAℓAs high-output light-emitting diode and a high-speed detector. This unit is a 6-lead SDIP. The TLP719F is 50% smaller than the 8-pin DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The TLP719F has a Faraday shield integrated on the photodetector chip to provide an effective common mode noise transient immunity. Therefore this product is suitable for application in noisy environmental conditions. Absolute maximum ratings and electrical characteristics are the same as the TLP719 technical data sheets.

• Open collector
• Package type : SDIP6
• Isolation voltage : 5000 Vrms (min)
• Common mode transient immunity : ±10 kV/us(min) @VCM = 400 V
• Switching speed : tpHL/ tpLH = 0.8 μs (max)
                       @ IF = 16 mA , VCC
                       RL = 1.9 kΩ , Ta = 25 °C




Similar Part No. - TLP719F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP719 TOSHIBA-TLP719 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Similar Description - TLP719F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750_07 Datasheet
191Kb / 7P
   Digital Logic Ground Isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP2530 TOSHIBA-TLP2530_07 Datasheet
207Kb / 8P
   Digital Logic Isolation
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Rohm
BA3121F ROHM-BA3121F_09 Datasheet
338Kb / 9P
   Ground Isolation Amplifier
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com