Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L020 Datasheet (PDF) - Littelfuse

1812L020 Datasheet PDF - Littelfuse
Part # 1812L020
Download  1812L020 Download

File Size   5079.94 Kbytes
Page   74 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLYFUSE짰 Resettable PTCs Surface Mount

1812L020 Datasheet (PDF)

Go To PDF Page Download Datasheet
1812L020 Datasheet PDF - Littelfuse

Part # 1812L020
Download  1812L020 Click to download

File Size   5079.94 Kbytes
Page   74 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description POLYFUSE짰 Resettable PTCs Surface Mount

1812L020 Datasheet (HTML) - Littelfuse

Back Button 1812L020 Datasheet HTML 1Page - Littelfuse 1812L020 Datasheet HTML 2Page - Littelfuse 1812L020 Datasheet HTML 3Page - Littelfuse 1812L020 Datasheet HTML 4Page - Littelfuse 1812L020 Datasheet HTML 5Page - Littelfuse 1812L020 Datasheet HTML 6Page - Littelfuse 1812L020 Datasheet HTML 7Page - Littelfuse 1812L020 Datasheet HTML 8Page - Littelfuse 1812L020 Datasheet HTML 9Page - Littelfuse 1812L020 Datasheet HTML 10Page - Littelfuse Next Button 



Similar Part No. - 1812L020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L020 LITTELFUSE-1812L020 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L020 LITTELFUSE-1812L020 Datasheet
820Kb / 6P
   The 1812L Series PTC provides surface mount overcurrent protection for applications
1812L020 LITTELFUSE-1812L020 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
1812L020 LITTELFUSE-1812L020 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L020 LITTELFUSE-1812L020 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
More results


Similar Description - 1812L020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L LITTELFUSE-2920L Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
1812L LITTELFUSE-1812L_06 Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com