Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-25-48 Datasheet (PDF) - Astrodyne Corporation

RS-25-48 Datasheet PDF - Astrodyne Corporation
Part # RS-25-48
Download  RS-25-48 Download

File Size   363.04 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 25W Single Output Switching Power Supply

RS-25-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS-25-48 Datasheet PDF - Astrodyne Corporation

Part # RS-25-48
Download  RS-25-48 Click to download

File Size   363.04 Kbytes
Page   2 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 25W Single Output Switching Power Supply

RS-25-48 Datasheet (HTML) - Astrodyne Corporation

RS-25-48 Datasheet HTML 1Page - Astrodyne Corporation RS-25-48 Datasheet HTML 2Page - Astrodyne Corporation

RS-25-48 Product details

25W Single Output Swi tching Power Supply



■ Features :
• Universal AC input / Full range
• Protections: Short circuit / Overload / Over voltage
• Cooling by free air convection
• LED indicator for power on
• 100% full load burn-in test
• All using 105℃ long life electrolytic capacitors
• Withstand 300VAC surge input for 5 second
• High operating temperature up to 70℃
• Withstand 5G vibration test
• High efficiency, long life and high reliability
• 3 years warranty




Similar Part No. - RS-25-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RS-25-48 MEANWELL-RS-25-48 Datasheet
286Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25-48 RSG-RS-25-48 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-25-48 MEANWELL-RS-25-48 Datasheet
289Kb / 2P
   25W Single Output Switching Power Supply
RS-25-48 MEANWELL-RS-25-48 Datasheet
289Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25-48 TOTAL-POWER-RS-25-48 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
More results


Similar Description - RS-25-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com