Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5168XXV Datasheet (PDF) - Nippon Precision Circuits Inc

SM5168XXV Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5168XXV
Download  SM5168XXV Download

File Size   85.55 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description PLL Synthesizer IC

SM5168XXV Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5168XXV Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5168XXV
Download  SM5168XXV Click to download

File Size   85.55 Kbytes
Page   9 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description PLL Synthesizer IC

SM5168XXV Datasheet (HTML) - Nippon Precision Circuits Inc

SM5168XXV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5168XXV Datasheet HTML 9Page - Nippon Precision Circuits Inc

SM5168XXV Product details

OVERVIEW
The SM5168 series are PLL synthesizer ICs fabricated using NPC’s Molybdenum-gate CMOS process. They provide several combinations of reference and comparator frequency divider ratios, set in master-slice, making them ideal for frequency synthesizers in IF stages of mobile communications devices. They also feature a lock detect signal output (LD).

FEATURES
■ 2.7 to 3.6V operating supply voltage range
■ Maximum operating frequency
    • SM5168A× series: 200MHz, VDD = 2.7V
    • SM5168C× series: 340MHz, VDD = 2.7V
■ Operating current consumption
    • SM5168A× series: 3.3mA (typ, 200MHz at 0.3Vp-p, VDD = 3.0 V)
    • SM5168C× series: 4mA (typ, 340MHz at 0.3Vp-p, VDD = 3.0 V)
■ SM5168A× (built-in standby function) and SM168C× (dual frequency divider ratios) series available, as set by master-slice
■ Charge pump output with output polarity for connection to passive filter
■ Lock detect function output
■ −30 to 85°C operating temperature range
■ 8-pin plastic VSOP

APPLICATIONS
■ Mobile communications
■ Portable telephones
■ Related applications




Similar Part No. - SM5168XXV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5168BAV NPC-SM5168BAV Datasheet
27Kb / 2P
   PLL Frequency Symthesizer ICs
More results


Similar Description - SM5168XXV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5165AV NPC-SM5165AV Datasheet
89Kb / 10P
   PLL Synthesizer IC
SM5170AV NPC-SM5170AV Datasheet
119Kb / 10P
   PLL Synthesizer IC
SM5166AV NPC-SM5166AV Datasheet
91Kb / 11P
   PLL Synthesizer IC
logo
Hitachi Semiconductor
HD61945MP HITACHI-HD61945MP Datasheet
567Kb / 9P
   PLL SYNTHESIZER IC
logo
Nippon Precision Circui...
SM5142AP NPC-SM5142AP Datasheet
171Kb / 6P
   Frequency Synthesizer PLL IC
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
New Japan Radio
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
   PLL Synthesizer with IC Bus for TV Tuner
logo
Toshiba Semiconductor
TB31202FN TOSHIBA-TB31202FN Datasheet
577Kb / 15P
   PLL EREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com