Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X24320AHV Datasheet (PDF) - IC MICROSYSTEMS

X24320AHV Datasheet PDF - IC MICROSYSTEMS
Part # X24320AHV
Download  X24320AHV Download

File Size   302.66 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 400KHz 2-Wire Serial E2PROM with Block Lock

X24320AHV Datasheet (PDF)

Go To PDF Page Download Datasheet
X24320AHV Datasheet PDF - IC MICROSYSTEMS

Part # X24320AHV
Download  X24320AHV Click to download

File Size   302.66 Kbytes
Page   17 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 400KHz 2-Wire Serial E2PROM with Block Lock

X24320AHV Datasheet (HTML) - IC MICROSYSTEMS

Back Button X24320AHV Datasheet HTML 1Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 2Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 3Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 4Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 5Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 6Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 7Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 8Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 9Page - IC MICROSYSTEMS X24320AHV Datasheet HTML 10Page - IC MICROSYSTEMS Next Button 

X24320AHV Product details

DESCRIPTION
The X24320 is a CMOS Serial E2PROM, internally organized 4K x 8. The device features a serial interface and software protocol allowing operation on a simple two wire bus. The bus operates at 400 KHz all the way down to 1.8V.
   
FEATURES
• Save Critical Data with Programmable
    Block Lock Protection
    —Block Lock (0, 1/4, 1/2, or all of E2PROM Array)
    —Software Write Protection
    —Programmable Hardware Write Protect
• In Circuit Programmable ROM Mode
• 400KHz 2-Wire Serial Interface
    —Schmitt Trigger Input Noise Suppression
    —Output Slope Control for Ground Bounce
        Noise Elimination
• Longer Battery Life With Lower Power
    —Active Read Current Less Than 1mA
    —Active Write Current Less Than 3mA
    —Standby Current Less Than 1µA
• 1.8V to 3.6V, 2.5V to 5.5V and 4.5V to 5.5V
    Power Supply Versions
• 32 Word Page Write Mode
    —Minimizes Total Write Time Per Word
• Internally Organized 4K x 8
• Bidirectional Data Transfer Protocol
• Self-Timed Write Cycle
    —Typical Write Cycle Time of 5ms
• High Reliability
    —Endurance: 100,000 Cycles
    —Data Retention: 100 Years
• 8-Lead SOIC
• 14-Lead TSSOP
• 8-Lead PDIP
   




Similar Part No. - X24320AHV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P XICOR-X24320P Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P-1.8 XICOR-X24320P-1.8 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320P-2.5 XICOR-X24320P-2.5 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320PI XICOR-X24320PI Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
More results


Similar Description - X24320AHV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24128 XICOR-X24128 Datasheet
87Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24320 XICOR-X24320 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E2PROM with Block Lock
X24257 XICOR-X24257 Datasheet
502Kb / 19P
   400kHz 2-Wire Serial EEPROM with Block Lock
X24640 XICOR-X24640 Datasheet
85Kb / 17P
   400KHz 2-Wire Serial E 2 PROM with Block Lock
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X24165 ICMIC-X24165 Datasheet
291Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X24645 ICMIC-X24645 Datasheet
317Kb / 18P
   Advanced 2-Wire Serial E2PROM with Block LockTM Protection
logo
Seiko Instruments Inc
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com