Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X25330S8I Datasheet (PDF) - IC MICROSYSTEMS

X25330S8I Datasheet PDF - IC MICROSYSTEMS
Part # X25330S8I
Download  X25330S8I Download

File Size   131.58 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz SPI Serial E2 PROM with Block Lock Protection

X25330S8I Datasheet (PDF)

Go To PDF Page Download Datasheet
X25330S8I Datasheet PDF - IC MICROSYSTEMS

Part # X25330S8I
Download  X25330S8I Click to download

File Size   131.58 Kbytes
Page   14 Pages
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS
Description 5MHz SPI Serial E2 PROM with Block Lock Protection

X25330S8I Datasheet (HTML) - IC MICROSYSTEMS

Back Button X25330S8I Datasheet HTML 1Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 2Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 3Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 4Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 5Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 6Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 7Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 8Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 9Page - IC MICROSYSTEMS X25330S8I Datasheet HTML 10Page - IC MICROSYSTEMS Next Button 

X25330S8I Product details

DESCRIPTION
The X25330 is a CMOS 32K-bit serial E2PROM, internally organized as 4K x 8. The X25330 features a Serial Peripheral Interface (SPI) and software protocol allowing operation on a simple three-wire bus. The bus signals are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a chip select (CS) input, allowing any number of devices to share the same bus.

FEATURES
• 5MHz Clock Rate
• Low Power CMOS
    <1µA Standby Current
    <5mA Active Current
• 2.5V To 5.5V Power Supply
• SPI Modes (0,0 & 1,1)
• 4K X 8 Bits
    32 Byte Page Mode
• Block Lock™ Protection
    Protect 1/4, 1/2 or all of E2PROM Array
• Programmable Hardware Write Protection
    In-Circuit Programmable ROM Mode
• Built-in Inadvertent Write Protection
    Power-Up/Down protection circuitry
    Write Enable Latch
    Write Protect Pin
• Self-Timed Write Cycle
    5ms Write Cycle Time (Typical)
• High Reliability
    Endurance: 100,000 cycles
    Data Retention: 100 Years
    ESD protection: 2000V on all pins
• Packages
    8-Lead SOIC
    14-Lead TSSOP




Similar Part No. - X25330S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25330S8I XICOR-X25330S8I Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330S8I-2.5 XICOR-X25330S8I-2.5 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
More results


Similar Description - X25330S8I

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25650 XICOR-X25650 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
   SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com