Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA62 Datasheet (PDF) - Fuji Electric

P4SMA62 Datasheet PDF - Fuji Electric
Part # P4SMA62
Download  P4SMA62 Download

File Size   202.52 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 400 Watts Surface Mount Transient Voltage Suppressor

P4SMA62 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA62 Datasheet PDF - Fuji Electric

Part # P4SMA62
Download  P4SMA62 Click to download

File Size   202.52 Kbytes
Page   4 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 400 Watts Surface Mount Transient Voltage Suppressor

P4SMA62 Datasheet (HTML) - Fuji Electric

P4SMA62 Datasheet HTML 1Page - Fuji Electric P4SMA62 Datasheet HTML 2Page - Fuji Electric P4SMA62 Datasheet HTML 3Page - Fuji Electric P4SMA62 Datasheet HTML 4Page - Fuji Electric

P4SMA62 Product details

400 Watts Surface Mount Transient Voltage Suppressor



Features

For surface mounted application in order to optimize board space

Low profile package 

Built-in strain relief

Glass passivated junction

Excellent clamping capability

Fast response time: Typically less than 1.0ps from 0 volt to BV min.

Typical IRless than 1μA above 10V

High temperature soldering guaranteed: 260oC / 10 seconds at terminals

Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0

400 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle




Similar Part No. - P4SMA62

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA62 TSC-P4SMA62 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
P4SMA62 TSC-P4SMA62 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P4SMA62 PANJIT-P4SMA62 Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA62 PANJIT-P4SMA62 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Taiwan Semiconductor Co...
P4SMA62 TSC-P4SMA62 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
More results


Similar Description - P4SMA62

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_1 Datasheet
202Kb / 4P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SLCA5.0 SUNMATE-SLCA5.0 Datasheet
185Kb / 2P
   400 Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A-SMAF YFWDIODE-P4SMAFJ5.0A-SMAF_17 Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com