Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9111C701EL Datasheet (PDF) - Torex Semiconductor

XC9111C701EL Datasheet PDF - Torex Semiconductor
Part # XC9111C701EL
Download  XC9111C701EL Download

File Size   2416.45 Kbytes
Page   35 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description PFM Controlled Step-Up DC/DC Converter / Controller ICs

XC9111C701EL Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9111C701EL Datasheet PDF - Torex Semiconductor

Part # XC9111C701EL
Download  XC9111C701EL Click to download

File Size   2416.45 Kbytes
Page   35 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description PFM Controlled Step-Up DC/DC Converter / Controller ICs

XC9111C701EL Datasheet (HTML) - Torex Semiconductor

Back Button XC9111C701EL Datasheet HTML 1Page - Torex Semiconductor XC9111C701EL Datasheet HTML 2Page - Torex Semiconductor XC9111C701EL Datasheet HTML 3Page - Torex Semiconductor XC9111C701EL Datasheet HTML 4Page - Torex Semiconductor XC9111C701EL Datasheet HTML 5Page - Torex Semiconductor XC9111C701EL Datasheet HTML 6Page - Torex Semiconductor XC9111C701EL Datasheet HTML 7Page - Torex Semiconductor XC9111C701EL Datasheet HTML 8Page - Torex Semiconductor XC9111C701EL Datasheet HTML 9Page - Torex Semiconductor XC9111C701EL Datasheet HTML 10Page - Torex Semiconductor Next Button 

XC9111C701EL Product details

■ GENERAL DESCRIPTION
The XC9110/9111 series is a group of PFM controlled step-up DC/DC converter/controller ICs designed to generate low supply voltage by the combination of PFM control and CMOS structure. The series is ideal for applications where a longer battery life is needed such as in portable communication equipment. With a built-in 2.5Ω N-channel driver transistor, the XC9110A/C/E and XC9111A/C/E types provide a step-up operation by using only a coil, a capacitor, and a diode connected externally.
The XC9110/9111B, D and F versions can be used with an external transistor for applications requiring larger currents.

■ FEATURES
    Operating (Input) Voltage Range : 0.9V ~ 10.0V
    Output Voltage Range : 1.5V~7.0V (100mV increments, accuracy ± 2.5%)
    Maximum Oscillation Frequency : 100kHz (accuracy ± 15%) 180kHz (for the XC9111 series, duty ratio: 56% at light loads)
    Built-in Switching N-ch Transistor : A/C/E type ON Resistance 2.5Ω (VDD=3.0V)
    External Transistor Types : B/D/F type
    Lx Limit Voltage : E type: more than VDD=2.0V : A/C type: more than VOUT=2.0V
    Low Supply Current : 2.0μ A (When operating, VOUT=3V)
    Small Package : SOT-23 & SOT89 (for XC9111 series), SOT-25, USP-6C

■ APPLICATIONS
● Mobile phones
● Various palm top equipment
● Cameras, VCRs
● Various portable equipment




Similar Part No. - XC9111C701EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116 TOREX-XC9116 Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADL TOREX-XC9116B02ADL Datasheet
553Kb / 23P
   Step-Up DC/DC Converter-Backlight LED Driver
XC9116B02ADR TOREX-XC9116B02ADR Datasheet
1Mb / 22P
   Step-Up DC/DC Converter-Backlight LED Driver
More results


Similar Description - XC9111C701EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
524Kb / 12P
   PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com