Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4741A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

DL4741A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # DL4741A
Download  DL4741A Download

File Size   367.01 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description 1W SURFACE MOUNT ZENER DIODES

DL4741A Datasheet (PDF)

Go To PDF Page Download Datasheet
DL4741A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # DL4741A
Download  DL4741A Click to download

File Size   367.01 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description 1W SURFACE MOUNT ZENER DIODES

DL4741A Datasheet (HTML) - DAESAN ELECTRONIC CORP.

DL4741A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. DL4741A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. DL4741A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.

DL4741A Product details

Features
• 1.0W Power Dissipation
• 3.9V - 100V Nominal Zener Voltages
• Standard VZ Tolerance is 5%




Similar Part No. - DL4741A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4741A RECTRON-DL4741A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4741A DACHANG-DL4741A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4741A LEIDITECH-DL4741A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4741A DCCOM-DL4741A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4741A SECOS-DL4741A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results


Similar Description - DL4741A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com