Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE250A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

P4KE250A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # P4KE250A
Download  P4KE250A Download

File Size   748.2 Kbytes
Page   5 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 600Watts VOLTAGE 6.8 to 440 Volts

P4KE250A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE250A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # P4KE250A
Download  P4KE250A Click to download

File Size   748.2 Kbytes
Page   5 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 600Watts VOLTAGE 6.8 to 440 Volts

P4KE250A Datasheet (HTML) - DAESAN ELECTRONIC CORP.

P4KE250A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P4KE250A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P4KE250A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P4KE250A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P4KE250A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.

P4KE250A Product details

Features
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• Glass passivated junction
• 600W peak pulse power capability with a 10/100μS waveform, reptition rate(duty cycle) : 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Fast response time : typically less than 1.0ps from 1 Volts to V(BR) for uni-directional and 5.0ns for Bi-directional types
• Typical ID less than 1.0μA above 10V
• High temperature soldering guaranteed : 265℃ /10seconds, 0.375"(9.5mm) lead length, 5lbs. (2.3kg) tension




Similar Part No. - P4KE250A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE250A PANJIT-P4KE250A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P4KE250A SUNMATE-P4KE250A Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
logo
Shanghai Shunye Electro...
P4KE250A SY-P4KE250A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4KE250A DIOTEC-P4KE250A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
P4KE250A YANGJIE-P4KE250A Datasheet
2Mb / 7P
   Transient Voltage Suppressor Diodes
More results


Similar Description - P4KE250A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68_09 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0 DAESAN-SMBJ5.0 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
P6SMB ZSELEC-P6SMB Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com