Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6653-125EBZ Datasheet (PDF) - Analog Devices

AD6653-125EBZ Datasheet PDF - Analog Devices
Part # AD6653-125EBZ
Download  AD6653-125EBZ Download

File Size   2838.06 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Diversity Receiver

AD6653-125EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6653-125EBZ Datasheet PDF - Analog Devices

Part # AD6653-125EBZ
Download  AD6653-125EBZ Click to download

File Size   2838.06 Kbytes
Page   80 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description IF Diversity Receiver

AD6653-125EBZ Datasheet (HTML) - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 1Page - Analog Devices AD6653-125EBZ Datasheet HTML 2Page - Analog Devices AD6653-125EBZ Datasheet HTML 3Page - Analog Devices AD6653-125EBZ Datasheet HTML 4Page - Analog Devices AD6653-125EBZ Datasheet HTML 5Page - Analog Devices AD6653-125EBZ Datasheet HTML 6Page - Analog Devices AD6653-125EBZ Datasheet HTML 7Page - Analog Devices AD6653-125EBZ Datasheet HTML 8Page - Analog Devices AD6653-125EBZ Datasheet HTML 9Page - Analog Devices AD6653-125EBZ Datasheet HTML 10Page - Analog Devices Next Button 

AD6653-125EBZ Product details

GENERAL DESCRIPTION
The AD6653 is a mixed-signal intermediate frequency (IF) receiver consisting of dual, 12-bit, 125 MSPS/150 MSPS ADCs and a wideband digital downconverter (DDC). The AD6653 is designed to support communications applications where low cost, small size, and versatility are desired.

FEATURES
   SNR = 70.8 dBc (71.8 dBFS) in a 32.7 MHz BW at
      70 MHz @ 150 MSPS
   SFDR = 83 dBc to 70 MHz @ 150 MSPS
   1.8 V analog supply operation
   1.8 V to 3.3 V CMOS output supply or 1.8 V LVDS
      output supply
   Integer 1-to-8 input clock divider
   Integrated dual-channel ADC
      Sample rates up to 150 MSPS
      IF sampling frequencies to 450 MHz
      Internal ADC voltage reference
      Integrated ADC sample-and-hold inputs
      Flexible analog input range: 1 V p-p to 2 V p-p
      ADC clock duty cycle stabilizer
      95 dB channel isolation/crosstalk
   Integrated wideband digital downconverter (DDC)
      32-bit, complex, numerically controlled oscillator (NCO)
      Decimating half-band filter and FIR filter
      Supports real and complex output modes
      Fast attack/threshold detect bits
   Composite signal monitor
   Energy-saving power-down modes

APPLICATIONS
   Communications
   Diversity radio systems
   Multimode digital receivers (3G)
      TD-SCDMA, WiMax, WCDMA,
      CDMA2000, GSM, EDGE, LTE
   I/Q demodulation systems
   Smart antenna systems
   General-purpose software radios
   Broadband data applications




Similar Part No. - AD6653-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
AD6650 AD-AD6650 Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results


Similar Description - AD6653-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com