Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VE010A-150-4C-UH Datasheet (PDF) - Silicon Storage Technology, Inc

SST29VE010A-150-4C-UH Datasheet PDF - Silicon Storage Technology, Inc
Part # SST29VE010A-150-4C-UH
Download  SST29VE010A-150-4C-UH Download

File Size   256.33 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 1 Megabit (128K x 8) Page Mode EEPROM

SST29VE010A-150-4C-UH Datasheet (PDF)

Go To PDF Page Download Datasheet
SST29VE010A-150-4C-UH Datasheet PDF - Silicon Storage Technology, Inc

Part # SST29VE010A-150-4C-UH
Download  SST29VE010A-150-4C-UH Click to download

File Size   256.33 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 1 Megabit (128K x 8) Page Mode EEPROM

SST29VE010A-150-4C-UH Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST29VE010A-150-4C-UH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VE010A-150-4C-UH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST29VE010A-150-4C-UH Product details

PRODUCT DESCRIPTION
The SST29EE010A/29LE010A/29VE010A are 128K x 8 CMOS Page Write EEPROMs manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST29EE010A/29LE010A/29VE010A write with a single power supply. Internal Erase/Program is transparent to the user. The SST29EE010A/29LE010A/29VE010A conform to JEDEC standard pinouts for bytewide memories.

FEATURES:
• Single Voltage Read and Write Operations
    – 5.0V-only for the SST29EE010A
    – 3.0-3.6V for the SST29LE010A
    – 2.7-3.6V for the SST29VE010A
• Superior Reliability
    – Endurance: 100,000 Cycles (typical)
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical) for 5V and 10 mA (typical) for 3.0/2.7V
    – Standby Current: 10 µA (typical)
• Fast Page Write Operation
    – 128 Bytes per Page, 1024 Pages
    – Page Write Cycle: 5 ms (typical)
    – Complete Memory Rewrite: 5 sec (typical)
    – Effective Byte Write Cycle Time: 39 µs (typical)
• Fast Read Access Time
    – 5.0V-only operation: 90 and 120 ns
    – 3.0-3.6V operation: 150 and 200 ns
    – 2.7-3.6V operation: 200 and 250 ns
• Latched Address and Data
• Automatic Write Timing
    – Internal VPP Generation
• End of Write Detection
    – Toggle Bit
    – Data# Polling
• Hardware and Software Data Protection
• TTL I/O Compatibility
• JEDEC Standard
    – Flash EEPROM Pinouts and command sets
• Packages Available
    – 32 Pin PDIP
    – 32-Pin PLCC
    – 32-Pin TSOP (8mm x 20mm & 8mm x 14mm)



Similar Part No. - SST29VE010A-150-4C-UH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010 SST-SST29VE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010 SST-SST29VE010 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29VE010 SST-SST29VE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29VE010 SST-SST29VE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-120-3C-E SST-SST29VE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results


Similar Description - SST29VE010A-150-4C-UH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com