Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1132B22-M5T1G Datasheet (PDF) - Seiko Instruments Inc

S-1132B22-M5T1G Datasheet PDF - Seiko Instruments Inc
Part # S-1132B22-M5T1G
Download  S-1132B22-M5T1G Download

File Size   531.46 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1132B22-M5T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1132B22-M5T1G Datasheet PDF - Seiko Instruments Inc

Part # S-1132B22-M5T1G
Download  S-1132B22-M5T1G Click to download

File Size   531.46 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1132B22-M5T1G Datasheet (HTML) - Seiko Instruments Inc

Back Button S-1132B22-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1132B22-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-1132B22-M5T1G Product details

HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR

S-1132 Series



The S-1132 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption (300 mA output current) developed based on CMOS technology. A 0.1 µF small ceramic capacitorcan be used. It operates with low current consumption of 20 µA typ. A built-in Output current protector prevents the load current

from exceeding the current  capacitance ofthe output transistor.

Compared with the conventional 300 mA output current CMOS voltage regulators, high-density mounting is realized by using the super-small SNT-6A(H) package and a 0.1µF small ceramic capacitor. Also, the low current consumption makes the S-1132 series ideal for mobile devices.



„Features

•Output voltage:  1.5 V to 5.5 V, selectable in 0.1 V steps.

•Low ESR capacitor can be used: A ceramic capacitor of 0.1 µF or more can be used for the output capacitor

•Wide input voltage range:  2.0 V to 6.5 V

•High-accuracy output voltage:  ±1.0%

•Low dropout voltage:  130 mV typ. (3.0 V output product, IOUT =100 mA)

•Low current consumption: During operation: 20 µA typ., 40 µA max.

                                    During shutdown:  0.01 µA typ., 1.0 µA max.

•Output current:  300 mA output is possible (at VIN ≥VOUT(S) +1.0 V)

•High ripple rejection:  70 dB typ. (at 1.0 kHz)

•Built-in overcurrent protector:  Overcurrent of output transistor can be restricted.

•Built-in ON/OFF circuit:  Ensures long battery life.

•Small package:  SOT-23-5, SOT-89-5, SNT-6A(H)

•Lead-free products 

*1. Attention should be paid to the power dissipation of the package when the output current is large.



„Applications

•Power supply for battery-powered devices

•Power supply for personal communication devices

•Power supply for home electric/electronic appliances

•Power supply for cellular phones




Similar Part No. - S-1132B22-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1132B22-M5T1X ABLIC-S-1132B22-M5T1X Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results


Similar Description - S-1132B22-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com