Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1200B30-M5T1G Datasheet (PDF) - Seiko Instruments Inc

S-1200B30-M5T1G Datasheet PDF - Seiko Instruments Inc
Part # S-1200B30-M5T1G
Download  S-1200B30-M5T1G Download

File Size   479.4 Kbytes
Page   31 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR

S-1200B30-M5T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
S-1200B30-M5T1G Datasheet PDF - Seiko Instruments Inc

Part # S-1200B30-M5T1G
Download  S-1200B30-M5T1G Click to download

File Size   479.4 Kbytes
Page   31 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR

S-1200B30-M5T1G Datasheet (HTML) - Seiko Instruments Inc

Back Button S-1200B30-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc S-1200B30-M5T1G Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-1200B30-M5T1G Product details

The S-1200 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy developed based on CMOS technology.

Features
• Output voltage: 1.5 V to 5.5 V, selectable in 0.1 V steps.
• Low ESR capacitor can be used: A ceramic capacitor of 0.1 µF or more can be used for the output capacitor.
• Wide input voltage range: 2.0 V to 10.0 V
• High-accuracy output voltage: ±1.0%
• Low dropout voltage: 140 mV typ. (3.0 V output product, IOUT = 100 mA)
• Low current consumption: During operation: 18 µA typ., 40 µA max. During shutdown: 0.01 µA typ., 1.0 µA max.
• Output current: 150 mA output is possible (@ VIN ≥ VOUT(S) + 1.0 V)*1
• High ripple rejection: 70 dB typ. (@ 1.0 kHz, 1.5 V ≤ VOUT ≤ 3.0 V) 65 dB typ. (@ 1.0 kHz, 3.1 V ≤ VOUT ≤ 5.5 V)
• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.
• Built-in ON/OFF circuit: Ensures long battery life.
• Small package: SOT-23-5, SNT-6A(H)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.

Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones




Similar Part No. - S-1200B30-M5T1G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1200B30-M5T1G SII-S-1200B30-M5T1G Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
More results


Similar Description - S-1200B30-M5T1G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1200 ABLIC-S-1200 Datasheet
629Kb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
Seiko Instruments Inc
S1200 SII-S1200 Datasheet
1Mb / 37P
   HIGH RIPPLE-REJECTION LOW DROPOUT LOW INPUT-AND-OUTPUT CAPACITANCE CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1138 UTC-L1138 Datasheet
234Kb / 8P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com