Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2502 Datasheet (PDF) - HY ELECTRONIC CORP.

GBJ2502 Datasheet PDF - HY ELECTRONIC CORP.
Part # GBJ2502
Download  GBJ2502 Download

File Size   40.54 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

GBJ2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ2502 Datasheet PDF - HY ELECTRONIC CORP.

Part # GBJ2502
Download  GBJ2502 Click to download

File Size   40.54 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

GBJ2502 Datasheet (HTML) - HY ELECTRONIC CORP.

GBJ2502 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ2502 Datasheet HTML 2Page - HY ELECTRONIC CORP.

GBJ2502 Product details

REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 25 Amperes

FEATURES
● Rating to 1000V PRV
● Ideal for printed circuit board
● Low forward voltage drop,high current capability
● Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product
● The plastic material has UL flammability
   classification 94V-0




Similar Part No. - GBJ2502

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ2502 MCC-GBJ2502 Datasheet
633Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBJ2502 DIODES-GBJ2502 Datasheet
54Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
EIC discrete Semiconduc...
GBJ2502 EIC-GBJ2502 Datasheet
135Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 05 : August 20, 2012
logo
Micro Commercial Compon...
GBJ2502 MCC-GBJ2502 Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
GBJ2502 CHENDA-GBJ2502 Datasheet
977Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Similar Description - GBJ2502

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com