Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4020BF Datasheet (PDF) - STMicroelectronics

HCC4020BF Datasheet PDF - STMicroelectronics
Part # HCC4020BF
Download  HCC4020BF Download

File Size   267.66 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RIPPLE-CARRY BINARY COUNTER/DIVIDERS

HCC4020BF Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4020BF Datasheet PDF - STMicroelectronics

Part # HCC4020BF
Download  HCC4020BF Click to download

File Size   267.66 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RIPPLE-CARRY BINARY COUNTER/DIVIDERS

HCC4020BF Datasheet (HTML) - STMicroelectronics

Back Button HCC4020BF Datasheet HTML 1Page - STMicroelectronics HCC4020BF Datasheet HTML 2Page - STMicroelectronics HCC4020BF Datasheet HTML 3Page - STMicroelectronics HCC4020BF Datasheet HTML 4Page - STMicroelectronics HCC4020BF Datasheet HTML 5Page - STMicroelectronics HCC4020BF Datasheet HTML 6Page - STMicroelectronics HCC4020BF Datasheet HTML 7Page - STMicroelectronics HCC4020BF Datasheet HTML 8Page - STMicroelectronics HCC4020BF Datasheet HTML 9Page - STMicroelectronics HCC4020BF Datasheet HTML 10Page - STMicroelectronics Next Button 

HCC4020BF Product details

DESCRIPTION

The HCC4XXXB(extended temperature range) and HCF4XXXB(intermediate temperature range)

are monolithic integrated circuits, available in 14-lead dual in-line for 4024B and 16-lead dual in-line for 4020B, 4040B plastic or ceramic package and plastic micropackage.



4020B - 14 STAGE

4024B - 7 STAGE

4040B - 12 STAGE



■ MEDIUM-SPEED OPERATION
■ FULLY STATIC OPERATION
■ COMMON RESET
■ BUFFERED INPUTS AND OUTPUTS
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ STANDARDIZED SYMMETRICAL OUTPUT
■ CHARACTERISTICS
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No. 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCC4020BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4020BD STMICROELECTRONICS-HCC4020BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4020BDG STMICROELECTRONICS-HCC4020BDG Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4020BDT STMICROELECTRONICS-HCC4020BDT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
More results


Similar Description - HCC4020BF

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
   CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
   12 Stage Ripple-Carry Binary Counter/Dividers
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com