Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4033BC1 Datasheet (PDF) - STMicroelectronics

HCC4033BC1 Datasheet PDF - STMicroelectronics
Part # HCC4033BC1
Download  HCC4033BC1 Download

File Size   319.16 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED

HCC4033BC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4033BC1 Datasheet PDF - STMicroelectronics

Part # HCC4033BC1
Download  HCC4033BC1 Click to download

File Size   319.16 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED

HCC4033BC1 Datasheet (HTML) - STMicroelectronics

Back Button HCC4033BC1 Datasheet HTML 1Page - STMicroelectronics HCC4033BC1 Datasheet HTML 2Page - STMicroelectronics HCC4033BC1 Datasheet HTML 3Page - STMicroelectronics HCC4033BC1 Datasheet HTML 4Page - STMicroelectronics HCC4033BC1 Datasheet HTML 5Page - STMicroelectronics HCC4033BC1 Datasheet HTML 6Page - STMicroelectronics HCC4033BC1 Datasheet HTML 7Page - STMicroelectronics HCC4033BC1 Datasheet HTML 8Page - STMicroelectronics HCC4033BC1 Datasheet HTML 9Page - STMicroelectronics HCC4033BC1 Datasheet HTML 10Page - STMicroelectronics Next Button 

HCC4033BC1 Product details

DESCRIPTION

The HCC4026B/4033B (extended temperature range) and HCF4026B/4033B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF4026B and HCC/HCF4033B each consist of a 5-stage Johnson decade counter and an output decoder which converts the Johnson code to a 7-segment decoded output for driving one stage in a numerical display.



. COUNTER AND 7-SEGMENT DECODING IN ONE PACKAGE

. EASILY INTERFACED WITH 7-SEGMENT DISPLAY TYPES

. FULLY STATIC COUNTER OPERATION : DC TO 6MHz (typ.) AT VDD = 10V

. IDEAL FOR LOW-POWER DISPLAYS

. DISPLAY ENABLE OUTPUT - 4026B

. ”RIPPLE BLANKING” AND LAMP TEST - 4033B

. QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE

. STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS

. 5V, 10V, AND 15V PARAMETRIC RATING

. INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE

. 100% TESTED FOR QUIESCENT CURRENT

. MEETS ALL REQUIREMENTS OF JEDECTEN TATIVESTANDARDN°13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES” WITH; DISPLAY ENABLE 4026B RIPPLE BLANKING 4033B




Similar Part No. - HCC4033BC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
HCC4030BD STMICROELECTRONICS-HCC4030BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4030BF STMICROELECTRONICS-HCC4030BF Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
HCC4030BK STMICROELECTRONICS-HCC4030BK Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
More results


Similar Description - HCC4033BC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4026B STMICROELECTRONICS-HCF4026B Datasheet
1Mb / 11P
   DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND DISPLAY ENABLE
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
SN54HC4017 TI1-SN54HC4017 Datasheet
126Kb / 6P
[Old version datasheet]   DECADE COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4033B STMICROELECTRONICS-HCF4033B Datasheet
601Kb / 11P
   DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND RIPPLE BLANKING
logo
Texas Instruments
CD4026B TI-CD4026B_12 Datasheet
873Kb / 15P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
CD4026BE TI1-CD4026BE Datasheet
875Kb / 16P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BE TI1-CD4033BE Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4033BPWRE4 TI-CD4033BPWRE4 Datasheet
873Kb / 15P
[Old version datasheet]   CMOS Decade Counters/Dividers
CD4026B TI-CD4026B Datasheet
497Kb / 12P
[Old version datasheet]   CMOS DECADE COUNTERS/DIVIDERS
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com