Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCC4072BM1 Datasheet (PDF) - STMicroelectronics

HCC4072BM1 Datasheet PDF - STMicroelectronics
Part # HCC4072BM1
Download  HCC4072BM1 Download

File Size   281.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OR GATE

HCC4072BM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4072BM1 Datasheet PDF - STMicroelectronics

Part # HCC4072BM1
Download  HCC4072BM1 Click to download

File Size   281.5 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OR GATE

HCC4072BM1 Datasheet (HTML) - STMicroelectronics

Back Button HCC4072BM1 Datasheet HTML 1Page - STMicroelectronics HCC4072BM1 Datasheet HTML 2Page - STMicroelectronics HCC4072BM1 Datasheet HTML 3Page - STMicroelectronics HCC4072BM1 Datasheet HTML 4Page - STMicroelectronics HCC4072BM1 Datasheet HTML 5Page - STMicroelectronics HCC4072BM1 Datasheet HTML 6Page - STMicroelectronics HCC4072BM1 Datasheet HTML 7Page - STMicroelectronics HCC4072BM1 Datasheet HTML 8Page - STMicroelectronics HCC4072BM1 Datasheet HTML 9Page - STMicroelectronics HCC4072BM1 Datasheet HTML 10Page - STMicroelectronics Next Button 

HCC4072BM1 Product details

DESCRIPTION
The HCC4071B/4072B and 4075B (extended temperature range) and HCF4071B/4072B and 4075B (intermediate temperature range) are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage.
   
4071B - QUAD 2–INPUT OR GATE
4072B - QUAD 4–INPUT OR GATE
4075B - TRIPLE 3–INPUT OR GATE
   
■ MEDIUM-SPEED OPERATION tPLH, tPHL =
    60ns. (typ.) AT VDD = 10V
■ QUIESCENT CURRENT SPECIFIED TO 20V
    FOR HCC DEVICE
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND
    25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
    STANDARD No. 13A, ”STANDARD
    SPECIFICATIONS FOR DESCRIPTION OF ”B”
    SERIES CMOS DEVICES”
   




Similar Part No. - HCC4072BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4072B STMICROELECTRONICS-HCC4072B Datasheet
141Kb / 13P
   RadHardened high voltage complementary MOS logic series
HCC4072BD STMICROELECTRONICS-HCC4072BD Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
HCC4072BK STMICROELECTRONICS-HCC4072BK Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
More results


Similar Description - HCC4072BM1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6681 FESTO-6681 Datasheet
77Kb / 1P
   OR gate
4/15/22
6684 FESTO-6684 Datasheet
76Kb / 1P
   OR gate
4/15/22
6682 FESTO-6682 Datasheet
76Kb / 1P
   OR gate
4/15/22
10412 FESTO-10412 Datasheet
77Kb / 1P
   OR gate
4/15/22
3427 FESTO-3427 Datasheet
84Kb / 1P
   OR gate
4/15/22
10413 FESTO-10413 Datasheet
76Kb / 1P
   OR gate
4/15/22
logo
Toshiba Semiconductor
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com