Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4053 Datasheet (PDF) - STMicroelectronics

HCF4053 Datasheet PDF - STMicroelectronics
Part # HCF4053
Download  HCF4053 Download

File Size   366.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXERS-DEMULTIPLEXERS

HCF4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4053 Datasheet PDF - STMicroelectronics

Part # HCF4053
Download  HCF4053 Click to download

File Size   366.4 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ANALOG MULTIPLEXERS-DEMULTIPLEXERS

HCF4053 Datasheet (HTML) - STMicroelectronics

Back Button HCF4053 Datasheet HTML 1Page - STMicroelectronics HCF4053 Datasheet HTML 2Page - STMicroelectronics HCF4053 Datasheet HTML 3Page - STMicroelectronics HCF4053 Datasheet HTML 4Page - STMicroelectronics HCF4053 Datasheet HTML 5Page - STMicroelectronics HCF4053 Datasheet HTML 6Page - STMicroelectronics HCF4053 Datasheet HTML 7Page - STMicroelectronics HCF4053 Datasheet HTML 8Page - STMicroelectronics HCF4053 Datasheet HTML 9Page - STMicroelectronics HCF4053 Datasheet HTML 10Page - STMicroelectronics Next Button 

HCF4053 Product details

ANALOG MULTIPLEXERS-DEMULTIPLEXERS

4051B - SINGLE 8-CHANNEL

4052B - DIFFERENTIAL 4-CHANNEL

4053B - TRIPLE 2-CHANNEL



DESCRIPTION

TheHCC 4051B, 4052Band4053B(extended temperature range) and HCF4051B, 4052B and 4053B

(intermediate temperature range) are monolithic in tegrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micropack age. HCC/HCF4051B, HCC/HCF4052B, and

HCC/HCF4053B analog multiplexers/demultiplexers are digitally controlled analog switches hav

ing low ON impedance and very low OFF leakage current.



.QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE

.LOW ”ON” RESISTANCE : 125Ω(typ.) OVER 15V p.p. SIGNAL-INPUT RANGE FOR VDD-VEE= 15V

.HIGH ”OFF” RESISTANCE : CHANNEL LEAKAGE ±100pA (typ.) VDD–VEE= 18V

.BINARY ADDRESS DECODING ON CHIP

.VERY LOW QUIESCENT POWER DISSIPATION UNDER ALL DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS : 0.2µW (typ.), VDD–VSS=VDD–VEE= 10V

.MATCHED SWITCH CHARACTERISTICS : RON=5Ω(typ.) for VDD–VEE= 15V

.WIDE RANGE OF DIGITAL AND ANALOG SIG NAL LEVELS : DIGITAL 3 TO 20V, ANALOG TO 20V p.p.

.5V, 10V, AND 15V PARAMETRIC RATINGS

.INPUT CURRENT OF 100mA AT 18V AND 25°C FOR HCC DEVICE

.100% TESTED FOR QUIESCENT CURRENT

.MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD No 13A, ”STANDARD

SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4053 STMICROELECTRONICS-HCF4053 Datasheet
470Kb / 10P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
HCF4053B STMICROELECTRONICS-HCF4053B Datasheet
470Kb / 10P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
HCF4053BEY STMICROELECTRONICS-HCF4053BEY Datasheet
470Kb / 10P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
HCF4053BM1 STMICROELECTRONICS-HCF4053BM1 Datasheet
470Kb / 10P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
HCF4053M013TR STMICROELECTRONICS-HCF4053M013TR Datasheet
470Kb / 10P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Similar Description - HCF4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com