Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2003-XN5/TR Datasheet (PDF) - SG Micro Corp

SG2003-XN5/TR Datasheet PDF - SG Micro Corp
Part # SG2003-XN5/TR
Download  SG2003-XN5/TR Download

File Size   591.38 Kbytes
Page   12 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 400mA, Low Power, Low Noise, Low Dropout, Linear Regulators

SG2003-XN5/TR Datasheet (PDF)

Go To PDF Page Download Datasheet
SG2003-XN5/TR Datasheet PDF - SG Micro Corp

Part # SG2003-XN5/TR
Download  SG2003-XN5/TR Click to download

File Size   591.38 Kbytes
Page   12 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 400mA, Low Power, Low Noise, Low Dropout, Linear Regulators

SG2003-XN5/TR Datasheet (HTML) - SG Micro Corp

Back Button SG2003-XN5/TR Datasheet HTML 1Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 2Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 3Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 4Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 5Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 6Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 7Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 8Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 9Page - SG Micro Corp SG2003-XN5/TR Datasheet HTML 10Page - SG Micro Corp Next Button 

SG2003-XN5/TR Product details

GENERAL DESCRIPTION

The SG2003/A and SG2004/A low-power, low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 400mA (400mA peak SG2003 only). They are the perfect choice for low voltage, low power applications. An ultra low ground current (120µA at 400mA output) make them attractive for battery operated power systems. The SG2003/A and SG2004/A series also offer ultra low dropout voltage (280mV at 400mA output) to prolong battery life in portable electronics. Systems requiring a quiet voltage source, such as RF applications, will benefit from the SG2003/A and SG2004/A series’ ultra low output noise (30µVRMS). An

external noise bypass capacitor connected to the device’s BP pin can further reduce the noise level.



FEATURES

- Low Output Noise: 30µVRMS typ(10Hz to 100KHz)

- Ultra-Low Dropout Voltage: 280mV at 400mA output

- Low 77µA No-Load Supply Current

- Low 120µA Operating Supply Current at 400mA Output

- Thermal-Overload Protection

- Output Current Limit

- Preset Output Voltages (±1.6% Accuracy)

- 10nA Logic-Controlled Shutdown

- Available in Multiple Output Voltage Versions Fixed Outputs of 2.5V, 2.8V, 2.85V, 3.0V, and 3.3V Adjustable Output from 1.5V to 4.5V



APPLICATIONS

Cellular Telephones

Cordless Telephones

PHS Telephones

PCMCIA Cards

Modems

MP3 Players

Hand-Held Instruments

Palmtop Computers

Electronic Planners

Portable/Battery-Powered Equipment




Similar Part No. - SG2003-XN5/TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2003 MICROSEMI-SG2003 Datasheet
98Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
194Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003 MICROSEMI-SG2003 Datasheet
242Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
SG2003J MICROSEMI-SG2003J Datasheet
110Kb / 7P
   HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS
More results


Similar Description - SG2003-XN5/TR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Texas Instruments
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com