Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2006-1.8 Datasheet (PDF) - SG Micro Corp

SGM2006-1.8 Datasheet PDF - SG Micro Corp
Part # SGM2006-1.8
Download  SGM2006-1.8 Download

File Size   580.85 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 150mA, RF - Linear Regulators

SGM2006-1.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGM2006-1.8 Datasheet PDF - SG Micro Corp

Part # SGM2006-1.8
Download  SGM2006-1.8 Click to download

File Size   580.85 Kbytes
Page   11 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Low Power, Low Dropout, 150mA, RF - Linear Regulators

SGM2006-1.8 Datasheet (HTML) - SG Micro Corp

Back Button SGM2006-1.8 Datasheet HTML 1Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 2Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 3Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 4Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 5Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 6Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 7Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 8Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 9Page - SG Micro Corp SGM2006-1.8 Datasheet HTML 10Page - SG Micro Corp Next Button 

SGM2006-1.8 Product details

GENERAL DESCRIPTION

The SGM2006/A series low-power,low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 150mA. They are the perfect choice for low voltage, low power applications. An ultra low ground current ( 150µA  at 150mA output ) makes these part attractive for battery operated power systems.



FEATURES

-  Low Output Noise: 30µVRMStyp(10Hz to 100KHz)

-  Ultra-Low Dropout Voltage: 150mV at 150mA output

-  Low 77µA No-Load Supply Current

-  Low 150µA Operating Supply Current  at 150mA Output

-  High PSRR: 73dB at 1KHz

-  Thermal-Overload Protection

-  Output Current Limit

-  Preset Output Voltages (±2.7% Accuracy)

-  10nA Logic-Controlled Shutdown

-  Available in Multiple Output Voltage Versions Fixed Outputs of 1.8V, 2.5V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V, 3.3Vand 3.6V Adjustable Output from 1.5V to 5.0V



APPLICATIONS

Cellular Telephones

Cordless Telephones

PHS Telephones

PCMCIA Cards

Modems

MP3 Player

Hand-Held Instruments

Palmtop Computers

Electronic Planners

Portable/Battery-Powered Equipment




Similar Part No. - SGM2006-1.8

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8 SGMICRO-SGM2005-1.8 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-1.8YD6/TR SGMICRO-SGM2005-1.8YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5 SGMICRO-SGM2005-2.5 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2005-2.5YD6/TR SGMICRO-SGM2005-2.5YD6/TR Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Similar Description - SGM2006-1.8

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com