Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3100B1 Datasheet (PDF) - STMicroelectronics

L3100B1 Datasheet PDF - STMicroelectronics
Part # L3100B1
Download  L3100B1 Download

File Size   61.16 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

L3100B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
L3100B1 Datasheet PDF - STMicroelectronics

Part # L3100B1
Download  L3100B1 Click to download

File Size   61.16 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE

L3100B1 Datasheet (HTML) - STMicroelectronics

L3100B1 Datasheet HTML 1Page - STMicroelectronics L3100B1 Datasheet HTML 2Page - STMicroelectronics L3100B1 Datasheet HTML 3Page - STMicroelectronics L3100B1 Datasheet HTML 4Page - STMicroelectronics L3100B1 Datasheet HTML 5Page - STMicroelectronics L3100B1 Datasheet HTML 6Page - STMicroelectronics L3100B1 Datasheet HTML 7Page - STMicroelectronics L3100B1 Datasheet HTML 8Page - STMicroelectronics

L3100B1 Product details

DESCRIPTION

Dedicated to sensitive telecom equipment protection, this device can provide both voltage protection and current limitation with a very tight tolerance.

Its high surge current capability makes the L3100B a reliable protection device for very exposed equipment, or when series resistors are very low. The breakdown voltagecan beeasily programmed by using an external zener diode.



FEATURES

UNIDIRECTIONAL FUNCTION

PROGRAMMABLE BREAKDOWN VOLTAGE UP TO 265 V

PROGRAMMABLE CURRENT LIMITATION FROM 50 mA TO 550 mA

HIGH SURGE CURRENT CAPABILITY IPP = 100A 10/1000 µs




Similar Part No. - L3100B1

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L311 CRYDOM-L311 Datasheet
585Kb / 4P
   Power Modules
logo
List of Unclassifed Man...
L31104 ETC2-L31104 Datasheet
298Kb / 7P
   1 of span throughout entire range
L31120F ETC2-L31120F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
L311F ETC2-L311F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L311F CRYDOM-L311F Datasheet
585Kb / 4P
   Power Modules
More results


Similar Description - L3100B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
CLP200M STMICROELECTRONICS-CLP200M Datasheet
232Kb / 21P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP270M STMICROELECTRONICS-CLP270M Datasheet
368Kb / 24P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP200M STMICROELECTRONICS-CLP200M_03 Datasheet
383Kb / 21P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1 Datasheet
138Kb / 11P
   OVERVOLTAGE & OVERCURRENT PROTECTION FOR TELECOM LINE
July 1999 - Ed: 4
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
THBT15011 STMICROELECTRONICS-THBT15011_08 Datasheet
201Kb / 10P
   Tripolar overvoltage protection for telecom line
TLPXXM STMICROELECTRONICS-TLPXXM Datasheet
157Kb / 14P
   TRIPOLAR OVERVOLTAGE PROTECTION for TELECOM LINE
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
   TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com